Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC408 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC408
Description  Comlinear CLC408 High-Speed, Low-Power Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC408 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC408 Datasheet HTML 1Page - National Semiconductor (TI) CLC408 Datasheet HTML 2Page - National Semiconductor (TI) CLC408 Datasheet HTML 3Page - National Semiconductor (TI) CLC408 Datasheet HTML 4Page - National Semiconductor (TI) CLC408 Datasheet HTML 5Page - National Semiconductor (TI) CLC408 Datasheet HTML 6Page - National Semiconductor (TI) CLC408 Datasheet HTML 7Page - National Semiconductor (TI) CLC408 Datasheet HTML 8Page - National Semiconductor (TI) CLC408 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
http://www.national.com
4
Typical Performance Characteristics (A
v = +2, Rf = 1kΩ, RL = 100Ω, VCC = +5V, T = 25°C, CLC408AJ; unless specified)
Long Term Settling Time
Time (s)
0.4
-0.4
1
µ
1m
1
0
10
µ
100
µ
10m
100m
-0.2
0.2
Closed Loop Output Resistance
Frequency (Hz)
100
0.1
10M
100M
10
1
Gain Flatness & Linear Phase Deviation
Frequency (Hz)
1M
10M
Gain
Phase
Small Signal Pulse Response
Time (10ns/div)
0.20
0.10
-0.20
0
-0.10
Av+2
Av-2
Large Signal Pulse Response
Time (10ns/div)
4.0
2.0
-4.0
0
-2.0
Av+2
Av-2
Short Term Settling Time
Time (s)
0.2
0.1
-0.2
0
20n
100n
0
-0.1
Vout = 2Vstep
40n
60n
80n
IBI, IBN, VOS vs. Temperature
Temperature (
°C)
7.0
6.0
1.0
-50
0
100
5.0
4.0
3.0
2.0
VOS
3.5
3.0
1.5
1.0
0.5
2.5
2.0
50
IBI
IBN
Settling Time vs. Capacitive Load
CL (F)
70
60
30
20
10
100p
20p
1000p
50
40
60
50
20
10
0
40
30
Rs
0.05%
0.1%
CLC408 OPERATION
The CLC408 has a current-feedback (CFB) architecture
built in an advanced complementary bipolar process.
The key features of current-feedback are:
s
AC bandwidth is independent of voltage gain
s
Inherently unity-gain stability
s
Frequency response may be adjusted with
feedback resistor (Rf in Figures 1-3)
s
High slew rate
s
Low variation in performance for a wide range
of gains, signal levels and loads
s
Fast settling
Current-feedback operation can be explained with a
simple model. The voltage gain for the circuits in Figures 1
and 2 is approximately:
where:
s
Av is the DC voltage gain
s
Rf is the feedback resistor
s
Z(j
ω) is the CLC408’s open-loop
transimpedance gain
s
is the loop gain
The denominator of the equation above is approximately
1
at
low
frequencies.
Near
the
-3dB
corner
frequency, the interaction between Rf and Z(jω)
dominates the circuit performance. Increasing Rf does
the following:
s
Decreases loop gain
s
Decreases bandwidth
s
Reduces gain peaking
s
Lowers pulse response overshoot
s
Affects frequency response phase linearity
V
V
A
1
R
Zj
o
in
v
f
=
+ ()ω
Zj
Rf
ω
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com