Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC408 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC408
Description  Comlinear CLC408 High-Speed, Low-Power Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC408 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button CLC408 Datasheet HTML 2Page - National Semiconductor (TI) CLC408 Datasheet HTML 3Page - National Semiconductor (TI) CLC408 Datasheet HTML 4Page - National Semiconductor (TI) CLC408 Datasheet HTML 5Page - National Semiconductor (TI) CLC408 Datasheet HTML 6Page - National Semiconductor (TI) CLC408 Datasheet HTML 7Page - National Semiconductor (TI) CLC408 Datasheet HTML 8Page - National Semiconductor (TI) CLC408 Datasheet HTML 9Page - National Semiconductor (TI) CLC408 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
http://www.national.com
6
Figure 3: Transimpedance Gain
DC Design (level shifting)
Figure 4 shows a DC level shifting circuit for inverting
gain configurations. Vref produces a DC output level shift
of
which is independent of the DC output
produced by Vin.
Figure 4: Level Shifting Circuit
DC Design (DC offsets)
The DC offset model shown in Fig. 5 is used to calculate
the output offset voltage. The equation for output offset
voltage is:
The current offset terms, IBN and IBI, do not track
each other. The specifications are stated in terms of
magnitude only. Therefore, the terms Vos, IBN, and IBI
can have either polarity.
Matching the equivalent
resistance seen at both input pins does not reduce the
output offset voltage.
Figure 5: DC Offset Model
DC Design (output loading)
RL, Rf, and Rg load the op amp output. The equivalent
load seen by the output in Figure 5 is:
RL(eq) =
RL || (Rf + Req2), non-inverting gain
RL || Rf, inverting and transimpedance gain
The equivalent output load (RL(eq)) needs to be large
enough so that the output current can produce the
required output voltage swing.
AC Design (small signal bandwidth)
The CLC408 current-feedback amplifier bandwidth is a
function of the feedback resistor (Rf), not of the DC voltage
gain (AV). The bandwidth is approximately proportional
to
As a rule, if Rf doubles, the bandwidth is cut in half.
Other AC
specifications
will
also
be
degraded.
Decreasing Rf from the recommended value increases
peaking, and
for very small values of Rf oscillation
will occur.
AC Design (minimum slew rate)
Slew rate influences the bandwidth of large signal
sinusoids. To determine an approximate value of slew
rate necessary to support a large sinusoid, use the
following equation:
SR
> 5 • f • V
peak
where Vpeak is the peak output sinusoidal voltage.
The slew rate of the CLC408 in inverting gains is always
higher than in non-inverting gains.
AC Design (linear phase/constant group delay)
The recommended value of Rf produces minimal peaking
and
a
reasonably
linear
phase
response.
To
improve phase linearity when |Av| < 6, increase Rf
approximately 50% over its recommended value. Some
adjustment of Rf may be needed to achieve phase
linearity for your application.
See the
AC Design
(small signal bandwidth) sub-section for other effects
of changing Rf.
Propagation delay is approximately equal to group delay.
Group delay is related to phase by this equation:
where
φ(f) is the phase in degrees. Linear phase implies
constant group delay. The technique for achieving linear
phase also produces a constant group delay.
AC Design (peaking)
Peaking is sometimes observed with the recommended
Rf. If a small increase in Rf does not solve the problem,
then investigate the possible causes and remedies
listed below:
+
-
CLC408
408 Fi 3
Rf
0.1
µF
6.8
µF
Vo
VCC
0.1
µF
6.8
µF
VEE
Rt
3
2
4
8
6
+
+
Iin
Vin
Rg
+
-
CLC408
Rf
Vo
Vref
Rref
Rt
−⋅
V
R
R
,
ref
f
ref
VV
I
R
1
R
R
IR
oos
BN
eq1
f
eq2
BI
f
=−
+
⋅
()⋅+
 +⋅
()
Req1
Rf
+
-
Req2
CLC408
IBI
IBN
Vos
Vo
RL
+
-
1
Rf
.
{
τ
φφ
gd
d
d
f
1
360
f
f
1
360
f
f
() =−
°
⋅
()
≈−
°
⋅
()
∆
∆



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com