Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC408 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC408
Description  Comlinear CLC408 High-Speed, Low-Power Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC408 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CLC408 Datasheet HTML 3Page - National Semiconductor (TI) CLC408 Datasheet HTML 4Page - National Semiconductor (TI) CLC408 Datasheet HTML 5Page - National Semiconductor (TI) CLC408 Datasheet HTML 6Page - National Semiconductor (TI) CLC408 Datasheet HTML 7Page - National Semiconductor (TI) CLC408 Datasheet HTML 8Page - National Semiconductor (TI) CLC408 Datasheet HTML 9Page - National Semiconductor (TI) CLC408 Datasheet HTML 10Page - National Semiconductor (TI) CLC408 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
http://www.national.com
s
Capacitance across Rf
s
Do not place a capacitor across Rf
s
Use a resistor with low parasitic
capacitance for Rf
s
A capacitive load
s
Use a series resistor between the output
and a capacitive load (see the
Settling
Time vs. CL plot)
s
Long traces and/or lead lengths between Rf
and the CLC408
s
Keep these traces as short as possible
For non-inverting and transimpedance gain configurations:
s
Extra capacitance between the inverting
pin and ground (Cg)
s
See the
Printed Circuit Board Layout
sub-section below for suggestions on
reducing Cg
s
Increase Rf if peaking is still observed
after reducing Cg
For inverting gain configurations:
s
Inadequate ground plane at the non-inverting
pin and/or long traces between non-inverting
pin and ground
s
Place a 50 to 200
Ω resistor between the
non-inverting pin and ground (see Rt in
Figure 2)
Capacitive Loads
Capacitive loads, such as found in A/D converters,
require a series resistor (Rs) in the output to improve
settling performance. The
Settling Time vs. Capacitive
Load plot in the Typical Performance Characteristics
section provides the information for selecting this resistor.
Using a resistor in series with a reactive load will also
reduce the load’s effect on amplifier loop dynamics.
For instance, driving coaxial cables without an output
series resistor may cause peaking or oscillation.
Transmission Line Matching
One method for matching the characteristic impedance
of a transmission line is to place the appropriate
resistor at the input or output of the amplifier. Figure 6
shows the typical circuit configurations for matching
transmission lines.
Figure 6: Transmission Line Matching
In non-inverting gain applications, Rg is connected
directly to ground. The resistors R1, R2, R6, and R7 are
equal to the characteristic impedance, Zo, of the trans-
mission line or cable. Use R3 to isolate the amplifier
from reactive loading caused by the transmission line,
or by parasitics.
In inverting gain applications, R3 is connected directly to
ground. The resistors R4, R6, and R7 are equal to Zo.
The parallel combination of R5 and Rg is also equal to Zo.
The input and output matching resistors attenuate the
signal by a factor of 2, therefore additional gain is needed.
Use C6 to match the output transmission line over a greater
frequency range. It compensates for the increase of
the op amps output impedance with frequency.
Thermal Design
To calculate the power dissipation for the CLC408,
follow these steps:
1) Calculate the no-load op amp power:
Pamp = ICC • (VCC – VEE)
2) Calculate the output stage’s RMS power:
Po = (VCC – Vload) • Iload , where Vload and Iload
are the RMS voltage and current across the
external load
3) Calculate the total op amp RMS power:
Pt = Pamp + Po
To calculate the maximum allowable ambient tempera-
ture, solve the following equation: Tamb = 175 – Pt •
θ
JA, where θJA is the thermal resistance from junction
to ambient in °C/W, and Tamb is in °C. The Package
Thermal Resistance section contains the thermal
resistance for various packages.
Dynamic Range (input /output protection)
ESD diodes are present on all connected pins for pro-
tection from static voltage damage. For a signal that
may exceed the supply voltages, we recommend using
diode clamps at the amplifier’s input to limit the signals
to less than the supply voltages.
The CLC408’s output current can exceed the maximum
safe output current. To limit the output current to <
96mA:
s
Limit the output voltage swing with diode
clamps at the input
s
Make sure that
Vo(max) is the output voltage swing limit, and Io(max) is
the maximum safe output current.
Dynamic Range (input /output levels)
The
Electrical Characteristics section specifies the
Common-Mode Input Range and Output Voltage
Range; these voltage ranges scale with the supplies.
Output Current is also specified in the
Electrical
Characteristics section.
+
-
R3
Z0
R6
Vo
Z0
R1
R2
+
-
Rg
Z0
R4
R5
V1
V2 +-
Rf
C6
R7
CLC408
R
V
I
L
o(max)
o(max)
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com