Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9239 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9239
Description  Serial Output 1.8 V ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9239 Datasheet HTML 8Page - Analog Devices AD9239 Datasheet HTML 9Page - Analog Devices AD9239 Datasheet HTML 10Page - Analog Devices AD9239 Datasheet HTML 11Page - Analog Devices AD9239 Datasheet HTML 12Page - Analog Devices AD9239 Datasheet HTML 13Page - Analog Devices AD9239 Datasheet HTML 14Page - Analog Devices AD9239 Datasheet HTML 15Page - Analog Devices AD9239 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Data Sheet
AD9239
TYPICAL PERFORMANCE CHARACTERISTICS
0
–20
–40
–60
–80
–100
–120
0
10
20
30
40
50
60
70
80
FREQUENCY (MHz)
AIN = –1.0dBFS
SNR = 64.88dB
ENOB = 10.49 BITS
SFDR = 77.57dBc
Figure 4. Single-Tone 32k FFT with fIN = 84.3 MHz, fSAMPLE = 170 MSPS
0
–20
–40
–60
–80
–100
–120
0
10
20
30
40
50
60
70
80
FREQUENCY (MHz)
AIN = –1.0dBFS
SNR = 63.95dB
ENOB = 10.33 BITS
SFDR = 78.90dBc
Figure 5. Single-Tone 32k FFT with fIN = 240.3 MHz, fSAMPLE = 170 MSPS
0
–20
–40
–60
–80
–100
–120
0
20
40
60
80
100
FREQUENCY (MHz)
AIN = –1.0dBFS
SNR = 64.65dB
ENOB = 10.44 BITS
SFDR = 77.54dBc
Figure 6. Single-Tone 32k FFT with fIN = 84.3 MHz, fSAMPLE = 210 MSPS
0
–20
–40
–60
–80
–100
–120
0
20
40
60
80
100
FREQUENCY (MHz)
AIN = –1.0dBFS
SNR = 63.13dB
ENOB = 10.19 BITS
SFDR = 76.07dBc
Figure 7. Single-Tone 32k FFT with fIN = 240.3 MHz, fSAMPLE = 210 MSPS
0
–20
–40
–60
–80
–100
–120
0
20
40
60
80
100
120
FREQUENCY (MHz)
AIN = –1.0dBFS
SNR = 64.62dB
ENOB = 10.44 BITS
SFDR = 75.48dBc
Figure 8. Single-Tone 32k FFT with fIN = 10.3 MHz, fSAMPLE = 250 MSPS
0
–20
–40
–60
–80
–100
–120
0
20
40
60
80
100
120
FREQUENCY (MHz)
AIN = –1.0dBFS
SNR = 64.50dB
ENOB = 10.42 BITS
SFDR = 77.97dBc
Figure 9. Single-Tone 32k FFT with fIN = 84.3 MHz, fSAMPLE = 250 MSPS
Rev. E | Page 11 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com