Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9239 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9239
Description  Serial Output 1.8 V ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9239 Datasheet HTML 9Page - Analog Devices AD9239 Datasheet HTML 10Page - Analog Devices AD9239 Datasheet HTML 11Page - Analog Devices AD9239 Datasheet HTML 12Page - Analog Devices AD9239 Datasheet HTML 13Page - Analog Devices AD9239 Datasheet HTML 14Page - Analog Devices AD9239 Datasheet HTML 15Page - Analog Devices AD9239 Datasheet HTML 16Page - Analog Devices AD9239 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
AD9239
Data Sheet
0
–20
–40
–60
–80
–100
–120
0
20
40
60
80
100
120
FREQUENCY (MHz)
AIN = –1.0dBFS
SNR = 63.90dB
ENOB = 10.32 BITS
SFDR = 73.10dBc
Figure 10. Single-Tone 32k FFT with fIN = 171.3 MHz, fSAMPLE = 250 MSPS
0
–20
–40
–60
–80
–100
–120
0
20
40
60
80
100
120
FREQUENCY (MHz)
AIN = –1.0dBFS
SNR = 63.41dB
ENOB = 10.24 BITS
SFDR = 77.49dBc
Figure 11. Single-Tone 32k FFT with fIN = 240.3 MHz, fSAMPLE = 250 MSPS
70
69
68
67
66
65
64
63
62
61
60
50
70
90
110
130
150
170
190
210
230
250
ENCODE (MSPS)
250MSPS
210MSPS
170MSPS
Figure 12. SNR vs. Encode, fIN = 84.3 MHz
90
88
86
84
82
80
78
76
74
72
70
50
70
90
110
130
150
170
190
210
230
250
ENCODE (MSPS)
250MSPS
210MSPS
170MSPS
Figure 13. SFDR vs. Encode, fIN = 84.3 MHz
100
90
80
70
60
50
40
30
20
10
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
ANALOG INPUT LEVEL (dBFS)
SFDR (dBFS)
SFDR (dB)
SNR (dBFS)
SNR (dB)
Figure 14. SNR/SFDR vs. Analog Input Level, fIN = 84.3 MHz, fSAMPLE = 170 MSPS
100
90
80
70
60
50
40
30
20
10
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
ANALOG INPUT LEVEL (dBFS)
SFDR (dBFS)
SFDR (dB)
SNR (dBFS)
SNR (dB)
Figure 15. SNR/SFDR vs. Analog Input Level, fIN = 84.3 MHz, fSAMPLE = 210 MSPS
Rev. E | Page 12 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com