Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9239 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9239
Description  Serial Output 1.8 V ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9239 Datasheet HTML 27Page - Analog Devices AD9239 Datasheet HTML 28Page - Analog Devices AD9239 Datasheet HTML 29Page - Analog Devices AD9239 Datasheet HTML 30Page - Analog Devices AD9239 Datasheet HTML 31Page - Analog Devices AD9239 Datasheet HTML 32Page - Analog Devices AD9239 Datasheet HTML 33Page - Analog Devices AD9239 Datasheet HTML 34Page - Analog Devices AD9239 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
AD9239
Data Sheet
TEMPOUT Pin
The TEMPOUT pin can be used as a course temperature sensor
to monitor the internal die temperature of the device. This pin
typical has a 734 mV output with a clock rate of 250 MSPS and
a negative temperature going coefficient of −1.12 mV/C. The
voltage response of this pin is characterized in Figure 76.
0.85
0.83
0.81
0.79
0.77
0.75
0.73
0.71
0.69
0.67
0.65
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
Figure 76. TEMPOUT Pin Voltage vs. Temperature
RBIAS Pin
To set the internal core bias current of the ADC, place a resistor
(nominally equal to 10.0 kΩ) between ground and the RBIAS pin.
The resistor current is derived on chip and sets the AVDD current
of the ADC to a nominal 725 mA at 250 MSPS. Therefore, it is
imperative that a 1% or less tolerance on this resistor be used to
achieve consistent performance.
VCMx Pins
The common-mode output pins can be enabled through the SPI
to provide an external reference bias voltage of 1.4 V for driving the
VIN + x/VIN − x analog inputs. These pins may be required when
connecting external devices, such as an amplifier or transformer,
to interface to the analog inputs.
RESET Pin
The RESET pin sets all SPI registers to their default values and
the datapath. Using this pin requires the user to resync the
digital outputs. This pin is only 1.8 V tolerant.
PDWN Pin
When asserted high, the PDWN pin turns off all the ADC
channels, including the output drivers. This function can be
changed to a standby function. See Register 8 in Table 16. Using
this feature allows the user to put all channels into standby mode.
The output drivers transmit pseudorandom data until the outputs
are disabled using Register 14.
By asserting the PDWN pin high, the AD9239 is placed into
power-down mode, shutting down the reference, reference buffer,
PLL, and biasing networks. In this state, the ADC typically
dissipates 3 mW. If any of the SPI features are changed before
the power-down feature is enabled, the chip continues to function
after PDWN is pulled low without requiring a reset. The AD9239
returns to normal operating mode when the PDWN pin is pulled
low. This pin is only 1.8 V tolerant.
SDO Pin
The SDO pin is for use in applications that require a 4-wire SPI
mode operation. For normal operation, it should be tied low to
AGND through a 10 kΩ resistor. Alternatively, the device pin
can be left open, and the 345 Ω internal pull-down resistor pulls
this pin low. This pin adheres to only 1.8 V logic.
SDI/SDIO Pin
The SDI/SDIO pin is for use in applications that require either a
4- or 3-wire SPI mode operation. For normal operation, it should
be tied low to AGND through a 10 kΩ resistor. Alternatively,
the device pin can be left open, and the 30 kΩ internal pull-
down resistor pulls this pin low. This pin is only 1.8 V tolerant.
SCLK Pin
For normal operation, the SCLK pin should be tied to AGND
through a 10 kΩ resistor. Alternatively, the device pin can be left
open, and the 30 kΩ internal pull-down resistor pulls this pin low.
This pin is only 1.8 V tolerant.
CSB Pin
For normal operation, the CSB pin should be tied high to
AVDD through a 10 kΩ resistor. Alternatively, the device pin
can be left open, and the 26 kΩ internal pull-up resistor pulls
this pin high. By tying the CSB pin to AVDD, all SCLK and
SDI/SDIO information is ignored. In comparison, by tying the
CSB pin low, all information on the SDO and SDI/SDIO pins
are written to the device. This feature allows the user to reduce
the number of traces to the device if necessary. This pin is only
1.8 V tolerant.
PGMx Pins
All PGMx pins are automatically initialized as a sync pin by
default. These pins are used to lock the FPGA timing and data
capture during initial startup. These pins are respective to each
channel (PGM3 = Channel A). The sync pin should be pulled
low until this pin receives a high signal input from the receiver,
during which time the ADC outputs a training word. The training
word defaults to the values implemented by the user in Register 19
through Register 20. When the receiver finds the frame boundary,
the sync identification is deasserted high and the ADC outputs
the valid data on the next packet boundary.
Once steady state operation for the device has occurred, these
pins can be assigned as a standby option using Register 53 in
Table 16. All other pins change to a global sync pin.
This pin is only 1.8 V tolerant.
Rev. E | Page 30 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com