Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61577 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # CS61577
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS61577 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button CS61577 Datasheet HTML 27Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 28Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 29Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 30Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 31Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 32Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 33Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 34Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Features
•• Socketed Line Interface Device
•• All Required Components for Complete
Line Interface Evaluation
•• Configuration by DIP Switch or Serial
Interface
•• LED Status Indicators for Alarm
Conditions
•• Support for Host, Hardware, and
Extended Hardware Modes
General Description
The evaluation board includes a socketed line interface
device and all support components necessary for
evaluation. The board is powered by an external 5 Volt
supply.
The board may be configured for 100
Ω twisted-pair
T1, 75
Ω coax E1, or 120 Ω twisted-pair E1 operation.
Binding posts are provided for line connections. Sev-
eral BNC connectors are available to provide system
clocks and data I/O. Two LED indicators monitor de-
vice alarm conditions. The board supports all line
interface operating modes.
ORDERING INFORMATION:
CDB61534,
CDB61535.
CDB61535A,
CDB6158,
CDB6158A,
CDB61574,
CDB61574A, CDB61575,
CDB61577,
CDB61304A, CDB61305A
SEP ’95
DS40DB3
31
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445-7222 FAX: (512) 445-7581
Line Interface Evaluation Board
CDB61534, CDB61535, CDB61535A, CDB6158,
CDB6158A, CDB61574, CDB61574A, CDB61575,
CDB61577, CDB615304A, & CDB61305A
ACLKI
TCLK
TPOS
(TDATA)
TNEG
RNEG
(BPV)
RPOS
(RDATA)
RCLK
CS61534,
CS61535,
CS61535A,
CS6158,
CS6158A,
CS61574,
CS61574A,
CS61575,
CS61577,
CS61304A
or
CS61305A
Reset
Circuit
Mode Select
Circuit
(TCODE)
+5V
0V
LED Status
Indicators
Hardware
Control Circuit
Serial Interface
Control Circuit
TTIP
TRING
RTIP
RRING
XTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com