Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61577 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CS61577
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS61577 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CS61577 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ANALOG SPECIFICATIONS (TA = -40
°C to 85°C; TV+, RV+ = 5.0V ±5%; GND = 0V)
Parameter
Min
Typ
Max
Units
Receiver
RTIP/RRING Input Impedance
-
50k
-
Ω
Sensitivity Below DSX (0dB = 2.4V)
-13.6
500
-
-
-
-
dB
mV
Loss of Signal Threshold
-
0.30
-
V
Data Decision Threshold
T1, DSX-1
(Note 20)
T1, DSX-1
(Note 21)
T1, (FCC Part 68) and E1 (Note 22)
60
53
45
65
65
50
70
77
55
% of peak
% of peak
% of peak
Allowable Consecutive Zeros before LOS
160
175
190
bits
Receiver Input Jitter Tolerance
(Note 23)
10kHz - 100kHz
2kHz
10Hz and below
0.4
6.0
300
-
-
-
-
-
-
UI
UI
UI
Jitter Attenuator
Jitter Attenuation Curve Corner Frequency
(Notes 17, 24)
-
6
-
Hz
Attenuation at 10kHz Jitter Frequency
(Notes 17, 24)
-
50
-
dB
Attenuator Input Jitter Tolerance (Before Onset
of FIFO Overflow or Underflow Protection)
(Notes 17, 24)
12
23
-
UI
Notes: 20. For input amplitude of 1.2 Vpk to 4.14 Vpk.
21. For input amplitude of 0.5 Vpk to 1.2 Vpk and from 4.14 Vpk to RV+.
22. For input amplitude of 1.05 Vpk to 3.3 Vpk.
23. Jitter tolerance increases at lower frequencies. See Figure 11.
24. Attenuation measured with input jitter equal to 3/4 of measured jitter tolerance. Circuit attenuates
jitter at 20 dB/decade above the corner frequency. See Figure 12. Output jitter can increase
significantly when more than 12 UI’s are input to the attenuator. See discussion in the text section.
CS61577
4
DS155PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com