Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61577 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CS61577
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS61577 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CS61577 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS61577 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
SWITCHING CHARACTERISTICS (TA = -40
° to 85°C; TV+, RV+ = ±5%;
Inputs: Logic 0 = 0V, Logic 1 = RV+)
Parameter
Symbol
Min
Typ
Max
Units
SDI to SCLK Setup Time
tdc
50
-
-
ns
SCLK to SDI Hold Time
tcdh
50
-
-
ns
SCLK Low Time
tcl
240
-
-
ns
SCLK High Time
tch
240
-
-
ns
SCLK Rise and Fall Time
tr, tf
-
-
50
ns
CS to SCLK Setup Time
tcc
50
-
-
ns
SCLK to CS Hold Time
tcch
50
-
-
ns
CS Inactive Time
tcwh
250
-
-
ns
SCLK to SDO Valid
(Note 33)
tcdv
-
-
200
ns
CS to SDO High Z
tcdz
-
100
-
ns
Input Valid To PCS Falling Setup Time
tsu4
50
-
-
ns
PCS Rising to Input Invalid Hold Time
th4
50
-
-
ns
PCS Active Low Time
tpcsl
250
-
-
ns
Notes: 33. Output load capacitance = 50pF
Any Digital Output
t
r
t
f
10%
10%
90%
90%
Figure 1. Signal Rise and Fall Characteristics
RCLK
tpw1
tpwl1
tpwh1
HOST MODE
(CLKE = 1)
EXTENDED
HARDWARE
MODE OR
HARDWARE
HOST MODE
(CLKE = 0)
MODE OR
RCLK
RPOS
RNEG
su1
h1
tt
RDATA
BPV
Figure 2. Recovered Clock and Data Switching Characteristics
CS61577
6
DS155PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com