Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9268 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9268
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9268 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9268_17 Datasheet HTML 35Page - Analog Devices AD9268_17 Datasheet HTML 36Page - Analog Devices AD9268_17 Datasheet HTML 37Page - Analog Devices AD9268_17 Datasheet HTML 38Page - Analog Devices AD9268_17 Datasheet HTML 39Page - Analog Devices AD9268_17 Datasheet HTML 40Page - Analog Devices AD9268_17 Datasheet HTML 41Page - Analog Devices AD9268_17 Datasheet HTML 42Page - Analog Devices AD9268_17 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
AD9268
Rev. A | Page 38 of 44
MEMORY MAP REGISTER TABLE
All address and bit locations that are not included in Table 17 are not currently supported for this device.
Table 17. Memory Map Registers
Address
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default
Notes/
Comments
Chip Configuration Registers
0x00
SPI port
configuration
(global)
0
LSB first
Soft reset
1
1
Soft reset
LSB first
0
0x18
The nibbles
are mirrored
so LSB-first
mode or MSB-
first mode
registers
correctly,
regardless of
shift mode
0x01
Chip ID
(global)
8-bit Chip ID[7:0]
(AD9268 = 0x32)
(default)
0x32
Read only
0x02
Chip grade
(global)
Open
Open
Speed grade ID
01 = 125 MSPS
10 = 105 MSPS
11 = 80 MSPS
Open
Open
Open
Open
Speed grade
ID used to
differentiate
devices; read
only
Channel Index and Transfer Registers
0x05
Channel
index
Open
Open
Open
Open
Open
Open
Data
Channel
B
(default)
Data
Channel A
(default)
0x03
Bits are set
to determine
which device
on the chip
receives the
next write
command;
applies to local
registers only
0xFF
Transfer
Open
Open
Open
Open
Open
Open
Open
Transfer
0x00
Synchronously
transfers data
from the
master shift
register to the
slave
ADC Functions
0x08
Power modes
(local)
1
Open
External
power-
down pin
function
(local)
0 = pdwn
1 = stndby
Open
Open
Open
Internal power-down
mode (local)
00 = normal operation
01 = full power-down
10 = standby
11 = normal operation
0x80
Determines
various generic
modes of chip
operation
0x09
Global clock
(global)
Open
Open
Open
Open
Open
Open
Open
Duty cycle
stabilizer
(default)
0x01
0x0B
Clock divide
(global)
Open
Open
Open
Open
Open
Clock divide ratio
000 = divide by 1
001 = divide by 2
010 = divide by 3
011 = divide by 4
100 = divide by 5
101 = divide by 6
110 = divide by 7
111 = divide by 8
0x00
Clock divide
values other
than 000
automatically
cause the duty
cycle stabilizer
to become
active
0x0D
Test mode
(local)
Open
Open
Reset PN
long gen
Reset
PN short
gen
Open
Output test mode
000 = off (default)
001 = midscale short
010 = positive FS
011 = negative FS
100 = alternating checkerboard
101 = PN long sequence
110 = PN short sequence
111 = one/zero word toggle
0x00
When this
register is set,
the test data
is placed on
the output
pins in place of
normal data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com