Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9268 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9268
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9268 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9268_17 Datasheet HTML 11Page - Analog Devices AD9268_17 Datasheet HTML 12Page - Analog Devices AD9268_17 Datasheet HTML 13Page - Analog Devices AD9268_17 Datasheet HTML 14Page - Analog Devices AD9268_17 Datasheet HTML 15Page - Analog Devices AD9268_17 Datasheet HTML 16Page - Analog Devices AD9268_17 Datasheet HTML 17Page - Analog Devices AD9268_17 Datasheet HTML 18Page - Analog Devices AD9268_17 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
AD9268
Rev. A | Page 14 of 44
Pin No.
Mnemonic
Type
Description
33
D7A
Output
Channel A CMOS Output Data.
34
D8A
Output
Channel A CMOS Output Data.
35
D9A
Output
Channel A CMOS Output Data.
36
D10A
Output
Channel A CMOS Output Data.
38
D11A
Output
Channel A CMOS Output Data.
39
D12A
Output
Channel A CMOS Output Data.
40
D13A
Output
Channel A CMOS Output Data.
41
D14A
Output
Channel A CMOS Output Data.
42
D15A (MSB)
Output
Channel A CMOS Output Data.
43
ORA
Output
Channel A Overrange Output.
4
D0B (LSB)
Output
Channel B CMOS Output Data.
5
D1B
Output
Channel B CMOS Output Data.
6
D2B
Output
Channel B CMOS Output Data.
7
D3B
Output
Channel B CMOS Output Data.
8
D4B
Output
Channel B CMOS Output Data.
9
D5B
Output
Channel B CMOS Output Data.
11
D6B
Output
Channel B CMOS Output Data.
12
D7B
Output
Channel B CMOS Output Data.
13
D8B
Output
Channel B CMOS Output Data.
14
D9B
Output
Channel B CMOS Output Data.
15
D10B
Output
Channel B CMOS Output Data.
16
D11B
Output
Channel B CMOS Output Data.
17
D12B
Output
Channel B CMOS Output Data.
18
D13B
Output
Channel B CMOS Output Data.
20
D14B
Output
Channel B CMOS Output Data.
21
D15B (MSB)
Output
Channel B CMOS Output Data.
22
ORB
Output
Channel B Overrange Output
24
DCOA
Output
Channel A Data Clock Output.
23
DCOB
Output
Channel B Data Clock Output.
SPI Control
45
SCLK/DFS
Input
SPI Serial Clock/Data Format Select Pin in External Pin Mode.
44
SDIO/DCS
Input/Output
SPI Serial Data I/O/Duty Cycle Stabilizer Pin in External Pin Mode.
46
CSB
Input
SPI Chip Select (Active Low).
ADC Configuration
47
OEB
Input
Output Enable Input (Active Low) in External Pin Mode.
48
PDWN
Input
Power-Down Input in External Pin Mode. In SPI mode, this input can be
configured as power-down or standby.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com