Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9268 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9268
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9268 Datasheet(HTML) 5 Page - Analog Devices

  AD9268_17 Datasheet HTML 1Page - Analog Devices AD9268_17 Datasheet HTML 2Page - Analog Devices AD9268_17 Datasheet HTML 3Page - Analog Devices AD9268_17 Datasheet HTML 4Page - Analog Devices AD9268_17 Datasheet HTML 5Page - Analog Devices AD9268_17 Datasheet HTML 6Page - Analog Devices AD9268_17 Datasheet HTML 7Page - Analog Devices AD9268_17 Datasheet HTML 8Page - Analog Devices AD9268_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
AD9268
Rev. A | Page 4 of 44
SPECIFICATIONS
ADC DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, DCS enabled, unless
otherwise noted.
Table 1.
AD9268BCPZ-80
AD9268BCPZ-105
AD9268BCPZ-125
Parameter
Temperature
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
16
16
16
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Guaranteed
Offset Error
Full
±0.2
±0.4
±0.2
±0.5
±0.4
±0.65
% FSR
Gain Error
Full
±0.4
±2.5
±0.4
±2.5
±0.4
±2.5
% FSR
Differential
Nonlinearity (DNL)1
Full
−1.0
+1.4
−1.0
+1.3
−1.0
+1.2
LSB
25°C
±0.65
±0.7
±0.7
LSB
Integral Nonlinearity
(INL)1
Full
±4.5
±5.1
±5.5
LSB
25°C
±2.0
±3.0
±3.0
LSB
MATCHING
CHARACTERISTIC
Offset Error
Full
±0.1
±0.4
±0.1
±0.4
±0.2
±0.45
% FSR
Gain Error
Full
±0.3
±1.3
±0.3
±1.3
±0.3
±1.3
% FSR
TEMPERATURE DRIFT
Offset Error
Full
±2
±2
±2
ppm/°C
Gain Error
Full
±15
±15
±15
ppm/°C
INTERNAL VOLTAGE
REFERENCE
Output Voltage Error
(1 V Mode)
Full
±5
±12
±5
±12
±5
±12
mV
Load Regulation @
1.0 mA
Full
5
5
5
mV
INPUT REFERRED NOISE
VREF = 1.0 V
25°C
2.17
2.23
2.27
LSB
rms
ANALOG INPUT
Input Span, VREF =
1.0 V
Full
2
2
2
V p-p
Input Capacitance2
Full
8
8
8
pF
Input Common-
Mode Voltage
Full
0.9
0.9
0.9
V
REFERENCE INPUT
RESISTANCE
Full
6
6
6
kΩ
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
Supply Current
IAVDD1
Full
234
240
293
300
390
400
mA
IDRVDD1 (1.8 V
CMOS)
Full
35
45
55
mA
IDRVDD1 (1.8 V
LVDS)
Full
89
89
94
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com