Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9268-80EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9268-80EBZ
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9268-80EBZ Datasheet(HTML) 4 Page - Analog Devices

  AD9268-80EBZ Datasheet HTML 1Page - Analog Devices AD9268-80EBZ Datasheet HTML 2Page - Analog Devices AD9268-80EBZ Datasheet HTML 3Page - Analog Devices AD9268-80EBZ Datasheet HTML 4Page - Analog Devices AD9268-80EBZ Datasheet HTML 5Page - Analog Devices AD9268-80EBZ Datasheet HTML 6Page - Analog Devices AD9268-80EBZ Datasheet HTML 7Page - Analog Devices AD9268-80EBZ Datasheet HTML 8Page - Analog Devices AD9268-80EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
AD9268
Rev. A | Page 3 of 44
GENERAL DESCRIPTION
The AD9268 is a dual, 16-bit, 80 MSPS/105 MSPS/125 MSPS
analog-to-digital converter (ADC). The AD9268 is designed to
support communications applications where high performance,
combined with low cost, small size, and versatility, is desired.
The dual ADC core features a multistage, differential pipelined
architecture with integrated output error correction logic. Each
ADC features wide bandwidth, differential sample-and-hold
analog input amplifiers that support a variety of user-selectable
input ranges. An integrated voltage reference eases design consid-
erations. A duty cycle stabilizer is provided to compensate for
variations in the ADC clock duty cycle, allowing the converters
to maintain excellent performance.
The ADC output data can be routed directly to the two external
16-bit output ports. These outputs can be set to either 1.8 V
CMOS or LVDS.
Flexible power-down options allow significant power savings,
when desired.
Programming for setup and control is accomplished using a 3-wire
SPI-compatible serial interface.
The AD9268 is available in a 64-lead LFCSP and is specified over
the industrial temperature range of −40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com