Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9268-80EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9268-80EBZ
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9268-80EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9268-80EBZ Datasheet HTML 3Page - Analog Devices AD9268-80EBZ Datasheet HTML 4Page - Analog Devices AD9268-80EBZ Datasheet HTML 5Page - Analog Devices AD9268-80EBZ Datasheet HTML 6Page - Analog Devices AD9268-80EBZ Datasheet HTML 7Page - Analog Devices AD9268-80EBZ Datasheet HTML 8Page - Analog Devices AD9268-80EBZ Datasheet HTML 9Page - Analog Devices AD9268-80EBZ Datasheet HTML 10Page - Analog Devices AD9268-80EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
AD9268
Rev. A | Page 6 of 44
ADC AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, DCS enabled, unless
otherwise noted.
Table 2.
AD9268BCPZ-80
AD9268BCPZ-105
AD9268BCPZ-125
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 2.4 MHz
25°C
79.7
78.9
78.8
dBFS
fIN = 70 MHz
25°C
78.3
79.0
77.2
78.8
77.2
78.2
dBFS
Full
78.0
77.1
76.5
dBFS
fIN = 140 MHz
25°C
77.4
76.9
77.1
dBFS
fIN = 200 MHz
25°C
75.5
75.0
75.5
dBFS
SIGNAL-TO-NOISE-AND-DISTORTION (SINAD)
fIN = 2.4 MHz
25°C
79.4
78.3
78.3
dBFS
fIN = 70 MHz
25°C
78.1
78.5
77.1
78.6
76.8
77.7
dBFS
Full
77.7
76.8
76.2
dBFS
fIN = 140 MHz
25°C
75.4
75.9
75.8
dBFS
fIN = 200 MHz
25°C
74.3
72.2
74.0
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 2.4 MHz
25°C
12.9
12.7
12.7
Bits
fIN = 70 MHz
25°C
12.8
12.7
12.6
Bits
fIN = 140 MHz
25°C
12.2
12.3
12.3
Bits
fIN = 200 MHz
25°C
12.0
11.7
12.0
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 2.4 MHz
25°C
−92
−87
−90
dBc
fIN = 70 MHz
25°C
−91
−88
−93
−87
−88
−85
dBc
Full
−87
−87
−84
dBc
fIN = 140 MHz
25°C
−80
−84
−83
dBc
fIN = 200 MHz
25°C
−82
−77
−79
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 2.4 MHz
25°C
92
87
90
dBc
fIN = 70 MHz
25°C
88
91
87
93
85
88
dBc
Full
87
87
84
dBc
fIN = 140 MHz
25°C
80
84
83
dBc
fIN = 200 MHz
25°C
82
77
79
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
Without Dither (AIN@ −23 dBFS)
fIN = 2.4 MHz
25°C
93
100
88
dBFS
fIN = 70 MHz
25°C
95
96
89
dBFS
fIN = 140 MHz
25°C
98
96
90
dBFS
fIN = 200 MHz
25°C
102
100
89
dBFS
With On-Chip Dither (AIN @ −23 dBFS)
fIN = 2.4 MHz
25°C
107
106
106
dBFS
fIN = 70 MHz
25°C
107
109
106
dBFS
fIN = 140 MHz
25°C
106
104
104
dBFS
fIN = 200 MHz
25°C
104
108
105
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com