Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9268-80EBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9268-80EBZ
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9268-80EBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9268-80EBZ Datasheet HTML 21Page - Analog Devices AD9268-80EBZ Datasheet HTML 22Page - Analog Devices AD9268-80EBZ Datasheet HTML 23Page - Analog Devices AD9268-80EBZ Datasheet HTML 24Page - Analog Devices AD9268-80EBZ Datasheet HTML 25Page - Analog Devices AD9268-80EBZ Datasheet HTML 26Page - Analog Devices AD9268-80EBZ Datasheet HTML 27Page - Analog Devices AD9268-80EBZ Datasheet HTML 28Page - Analog Devices AD9268-80EBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
AD9268
Rev. A | Page 24 of 44
100
95
90
85
80
75
25
35
45
55
65
75
85
95
105
115
125
SAMPLE RATE (MSPS)
SNR (dBFS), CHANNEL B
SNR (dBFS), CHANNEL A
SFDR (dBc), CHANNEL A
SFDR (dBc), CHANNEL B
Figure 50. AD9268-125 Single-Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 70.1 MHz
3500
3000
2500
2000
1500
1000
500
0
OUTPUT CODE
2.27LSB rms
Figure 51. AD9268-125 Grounded Input Histogram
4
2
0
–2
–4
0
16,384
32,768
49,152
65,536
OUTPUT CODE
DITHER ENABLED
DITHER DISABLED
Figure 52. AD9268-125 INL with fIN = 9.7 MHz
1.00
0.75
0.50
0.25
0
–0.50
–0.25
–0.75
–1.00
0
16,384
32,768
49,152
65,536
OUTPUT CODE
Figure 53. AD9268-125 DNL with fIN = 9.7 MHz
100
90
80
70
60
50
40
30
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
INPUT COMMON-MODE VOLTAGE (V)
SNR (dBFS)
SFDR (dBc)
Figure 54. SNR/SFDR vs. Input Common Mode (VCM)
with fIN = 30 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com