Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2260CS Datasheet(PDF) 13 Page - Intersil Corporation

Part # EL2260CS
Description  Dual/Quad 130MHz Current Feedback Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2260CS Datasheet(HTML) 13 Page - Intersil Corporation

Back Button EL2260CS Datasheet HTML 7Page - Intersil Corporation EL2260CS Datasheet HTML 8Page - Intersil Corporation EL2260CS Datasheet HTML 9Page - Intersil Corporation EL2260CS Datasheet HTML 10Page - Intersil Corporation EL2260CS Datasheet HTML 11Page - Intersil Corporation EL2260CS Datasheet HTML 12Page - Intersil Corporation EL2260CS Datasheet HTML 13Page - Intersil Corporation EL2260CS Datasheet HTML 14Page - Intersil Corporation EL2260CS Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
required in order for the EL2260/EL2460 to survive an
indefinite short.
Channel to Channel Isolation
Due to careful biasing connections within the internal
circuitry of the EL2260/EL2460, exceptionally good channel
to channel isolation is obtained. Isolation is over 70dB at
video frequencies of 4MHz, and over 65dB up to 10MHz.
The EL2460 isolation is improved an additional 10dB, up to
about 5MHz, for amplifiers A to B and amplifiers C to D.
Isolation is improved another 8dB for amplifiers A to C and
amplifiers B to D. See the curve in the Typical Performance
Curves section for more detail.
Driving Cables and Capacitive Loads
When used as a cable driver, double termination is always
recommended for reflection-free performance. For those
applications, the back termination series resistor will
decouple the EL2260 and EL2460 from the capacitive cable
and allow extensive capacitive drive. However, other
applications may have high capacitive loads without
termination resistors. In these applications, an additional
small value (5
Ω–50Ω) resistor in series with the output will
eliminate most peaking. The gain resistor, RG, can be
chosen to make up for the gain loss created by this
additional series resistor at the output.
EL2260, EL2460



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com