Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2260CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL2260CS
Description  Dual/Quad 130MHz Current Feedback Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2260CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL2260CS Datasheet HTML 1Page - Intersil Corporation EL2260CS Datasheet HTML 2Page - Intersil Corporation EL2260CS Datasheet HTML 3Page - Intersil Corporation EL2260CS Datasheet HTML 4Page - Intersil Corporation EL2260CS Datasheet HTML 5Page - Intersil Corporation EL2260CS Datasheet HTML 6Page - Intersil Corporation EL2260CS Datasheet HTML 7Page - Intersil Corporation EL2260CS Datasheet HTML 8Page - Intersil Corporation EL2260CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
Voltage between VS+ and VS- . . . . . . . . . . . . . . . . . . . . . . . . . .+33V
Voltage between +IN and -IN . . . . . . . . . . . . . . . . . . . . . . . . . . . .±6V
Current into +IN or -IN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . See Curves
Operating Ambient Temperature Range . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature
Plastic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±50mA
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Open-Loop DC Electrical Specifications
VS = ±15V, RL = 150Ω, TA = 25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
TEMP
LIMITS
UNITS
MIN
TYP
MAX
VOS
Input Offset Voltage
VS = ±5V, ±15V
25°C
2
10
mV
TMIN, TMAX
15
mV
TC VOS
Average Offset Voltage Drift (Note 1)
Full
10
µV/°C
+IIN
+Input Current
VS = ±5V, ±15V
25°C
0.5
5
µA
TMIN, TMAX
10
µA
-IIN
-Input Current
VS = ±5V, ±15V
25°C
5
25
µA
TMIN, TMAX
35
µA
CMRR
Common Mode Rejection Ratio
(Note 2)
VS = ±5V, ±15V
Full
50
55
dB
-ICMR
-Input Current Common
Mode Rejection (Note 2)
VS = ±5V, ±15V
25°C
0.2
5
µA/V
TMIN, TMAX
5µA/V
PSRR
Power Supply Rejection Ratio (Note 3)
Full
75
95
dB
-IPSR
-Input Current Power Supply Rejection
(Note 3)
25°C
0.2
5
µA/V
TMIN, TMAX
5µA/V
ROL
Transimpedance (Note 4)
VS = ±15V
RL = 400Ω
25°C
500
2000
k
Ω
TMIN, TMAX
250
k
Ω
VS = ±5V
RL = 150Ω
25°C
500
1800
k
Ω
TMIN, TMAX
250
k
Ω
+RIN
+Input Resistance
Full
1.5
3.0
M
Ω
+CIN
+Input Capacitance
25°C
2.5
pF
CMIR
Common Mode Input Range
VS = ±15V
25°C
±13.5
V
VS = ±5V
25°C
±3.5
V
VO
Output Voltage Swing
RL = 400Ω,
VS =±15V
25°C
±12
±13.5
V
TMIN, TMAX
±11
V
RL = 150Ω,
VS =±15V
25°C
±12
V
RL = 150Ω,
VS =±5V
25°C
±3.0
±3.7
V
TMIN, TMAX
±2.5
V
ISC
Output Short Circuit Current (Note 5)
VS = ±5V, VS = ±15V
25°C
60
100
150
mA
EL2260, EL2460



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com