Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2260CS Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL2260CS
Description  Dual/Quad 130MHz Current Feedback Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2260CS Datasheet(HTML) 3 Page - Intersil Corporation

  EL2260CS Datasheet HTML 1Page - Intersil Corporation EL2260CS Datasheet HTML 2Page - Intersil Corporation EL2260CS Datasheet HTML 3Page - Intersil Corporation EL2260CS Datasheet HTML 4Page - Intersil Corporation EL2260CS Datasheet HTML 5Page - Intersil Corporation EL2260CS Datasheet HTML 6Page - Intersil Corporation EL2260CS Datasheet HTML 7Page - Intersil Corporation EL2260CS Datasheet HTML 8Page - Intersil Corporation EL2260CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
NOTES:
1. All AC tests are performed on a “warmed up” part, except for Slew Rate, which is pulse tested.
2. Slew Rate is with VOUT from +10V to -10V and measured at the 25% and 75% points.
3. DC offset from -0.714V through +0.714V, AC amplitude 286mVP-P, f = 3.58MHz.
IS
Supply Current (Per Amplifier)
VS = ±15V
25°C
7.5
11.0
mA
TMIN, TMAX
11.0
mA
VS = ±5V
25°C
5.4
8.5
mA
TMIN, TMAX
8.5
mA
ROL
Transimpedance (Note 6)
VS = ±15V
RL = 400Ω
25°C
500
2000
k
Ω
NOTES:
1. Measured from TMIN to TMAX.
2. VCM = ±10V for VS = ±15V and TA= Full
VCM = ±3V for VS = ±5V and TA = 25°C
VCM = ±2V for VS = ±5V and TA = TMIN, TMAX
3. The supplies are moved from ±2.5V to ±15V.
4. The supplies are moved from ±2.5V to ±15V.
5. A heat sink is required to keep junction temperature below absolute maximum when an output is shorted.
6. The supplies are moved from ±2.5V to ±15V.
Open-Loop DC Electrical Specifications
VS = ±15V, RL = 150Ω, TA = 25°C unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
TEMP
LIMITS
UNITS
MIN
TYP
MAX
Closed-Loop AC Electrical Specifications
VS = ±15V, AV = +2, RF = 560Ω, RL = 150Ω, TA = 25°C unless otherwise noted
PARAMETER
DESCRIPTION
TEST CONDITIONS
LIMITS
UNITS
MIN
TYP
MAX
BW
-3dB Bandwidth (Note 1)
VS = ±15V, AV = +2
130
MHz
VS = ±15V, AV = +1
180
MHz
VS = ±5V, AV = +2
100
MHz
VS = ±5V, AV = +1
110
MHz
SR
Slew Rate (Note 1) (Note 2)
RL = 400Ω
1000
1500
V/µs
RF = 1kΩ, RG = 110Ω
1500
V/µs
RL = 400Ω
tR, tF
Rise Time, Fall Time (Note 1)
VOUT = ±500mV
2.7
ns
tPD
Propagation Delay (Note 1)
3.2
ns
OS
Overshoot (Note 1)
VOUT = ±500mV
0
%
tS
0.1% Settling Time (Note 1)
VOUT = ±10V
35
ns
AV = -1, RL = 1k
dG
Differential Gain (Note 1)(Note 3)
RL = 150Ω
0.025
%
RL = 500Ω
0.006
%
dP
Differential Phase (Note 1)(Note 3)
RL = 150Ω
0.1
deg (°)
RL = 500Ω
0.005
deg (°)
EL2260, EL2460



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com