Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9480 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9480
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480 Datasheet(HTML) 4 Page - Analog Devices

  AD9480 Datasheet HTML 1Page - Analog Devices AD9480 Datasheet HTML 2Page - Analog Devices AD9480 Datasheet HTML 3Page - Analog Devices AD9480 Datasheet HTML 4Page - Analog Devices AD9480 Datasheet HTML 5Page - Analog Devices AD9480 Datasheet HTML 6Page - Analog Devices AD9480 Datasheet HTML 7Page - Analog Devices AD9480 Datasheet HTML 8Page - Analog Devices AD9480 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
AD9480
Rev. A | Page 3 of 28
DC SPECIFICATIONS
AVDD = 3.3 V, DRVDD = 3.3 V, TMIN = −40°C, TMAX = +85°C, AIN = −1 dBFS, full scale = 1.0 V, internal reference, differential analog and
clock inputs, unless otherwise noted.
Table 1.
AD9480-250
Parameter
Temp
Test Level
Min
Typ
Max
Unit
RESOLUTION
8
Bits
ACCURACY
No Missing Codes
Full
VI
Guaranteed
Offset Error
25°C
I
−40
+40
mV
Gain Error1
25°C
I
−6.0
+6.0
% FS
Differential Nonlinearity (DNL)
AD9480BSUZ-250
Full
VI
−0.5
±0.28
+0.5
LSB
AD9480ASUZ-250
Full
VI
−0.85
±0.35
+0.85
LSB
Integral Nonlinearity (INL)
Full
VI
−0.9
±0.26
+0.9
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
30
µV/°C
Gain Error
Full
V
0.03
%FS/°C
Reference
Full
V
±0.025
mV/°C
REFERENCE
Internal Reference Voltage
Full
VI
0.97
1.0
1.03
V
Output Current2
25°C
IV
1.5
mA
IVREF Input Current3
25°C
I
100
µA
ISENSE Input Current2
25°C
I
10
µA
ANALOG INPUTS (VIN+, VIN−)
Differential Input Voltage Range (FS = 1) 4
Full
V
1
V p-p
Common-Mode Voltage
Full
VI
1.7
1.9
2.1
V
Input Resistance
25°C
I
8.6
10
10.7
kΩ
Full
VI
8.4
10
11.2
kΩ
Input Capacitance
25°C
V
4
pF
Analog Bandwidth, Full Power
25°C
V
750
MHz
POWER SUPPLY
AVDD
Full
IV
3.0
3.3
3.6
V
DRVDD
Full
IV
3.0
3.3
3.6
V
Power Dissipation5
25°C
V
590
mW
Power-Down Dissipation
25°C
V
15
mW
IAVDD5
Full
VI
145
156
mA
IDRVDD5
Full
VI
34
38
mA
Power Supply Rejection Ratio (PSRR)
25°C
V
−4.2
mV/V
1 Gain error and gain temperature coefficients are based on the ADC only (with a fixed 1 V external reference and a 1 V p-p differential analog input).
2 Internal reference mode; SENSE = AGND.
3 External reference mode; VREF driven by external 1.0 V reference; SENSE = AVDD.
4 In FS = 1 V, both analog inputs are 500 mV p-p and out of phase with each other.
5 Power dissipation and current measured with rated encode and a dc analog input (outputs static). See
for active operation.
Figure 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com