Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9480 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9480
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9480 Datasheet HTML 18Page - Analog Devices AD9480 Datasheet HTML 19Page - Analog Devices AD9480 Datasheet HTML 20Page - Analog Devices AD9480 Datasheet HTML 21Page - Analog Devices AD9480 Datasheet HTML 22Page - Analog Devices AD9480 Datasheet HTML 23Page - Analog Devices AD9480 Datasheet HTML 24Page - Analog Devices AD9480 Datasheet HTML 25Page - Analog Devices AD9480 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
AD9480
Rev. A | Page 21 of 28
EVALUATION BOARD BILL OF MATERIALS (BOM)
Table 12.
No.
Quantity
Reference Designator
Device
Package
Value
1
23
C1 to C6, C10 to C12,
C17 to C23, C26 to C28,
C31 to C33, C35
Capacitors
0402
0.1 µF
2
1
C13
Capacitor
Tantalum (3528)
10 µF
3
4
C7, C14 to C16
Capacitors
Tantalum (6032)
10 µF
4
2
J1, J3
SMAs
5
2
P12, P13
4-pin power connector posts
Z5.531.3425.0
Wieland
6
2
P12, P13
4-pin power detachable connectors
25.602.5453.0
Wieland
7
2
R22, R27
Resistors
0603
50 Ω
8
10
R2 to R5, R7 to R10, R15, R42
(All not placed)
Resistors
0603
100 Ω
9
6
R1, R44, R45, R50, R58, R59
Resistors
0603
1000 Ω
10
1
R41
Resistors
0603
1200 Ω
11
3
R40, R43, R47
Resistors
0603
25 Ω
12
3
R38, R39, R51
Resistors
0603
10 Ω
13
2
R25, R26
Resistors
0603
82 Ω
14
2
R23, R24
Resistors
0603
510 Ω
15
2
R32, R34
Resistors
0603
130 Ω
16
2
R29, R31
Resistors
0603
0 Ω
17
2
R33, R52
Resistors
0603
10 kΩ
18
1
R63
Resistor
0603
3.74 kΩ
19
1
T1
Transformer
CD542
Mini-Circuits T1-1WT
20
1
U13
AD8351
MSOP-10
21
1
U2
SN65LVDS1
SN65LVDS1 DBV
Not placed
22
1
U14
ADR510
SOT-23
Not placed
23
1
U15
VCC6PECL6
VCC6-QAB-250M000
Not placed
24
1
U1
XO-400
Dip4(14)
Not placed
25
1
U12
AD9480
TQFP-44
26
1
U11
MC100LVEL16D
S08NB
27
1
T2
ETC1-1-13
1-1 TX
Not placed
28
7
C8, C9, C24, C25, C29, C30,
and C34 (All not placed)
Capacitors
0402
Not placed
29
12
R6, R20, R21, R28, R30, R36,
R46, R48, R49, and R55 to
R57 (All not placed)
Resistors
0603
User-determined
30
18
E5 to E8, E17,
E35, E73 to E84
Jumpers
31
1
P10
Output Data Connector
40-pin right angle
Digi-Key
S2131-20-ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com