Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9480 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9480
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9480 Datasheet HTML 3Page - Analog Devices AD9480 Datasheet HTML 4Page - Analog Devices AD9480 Datasheet HTML 5Page - Analog Devices AD9480 Datasheet HTML 6Page - Analog Devices AD9480 Datasheet HTML 7Page - Analog Devices AD9480 Datasheet HTML 8Page - Analog Devices AD9480 Datasheet HTML 9Page - Analog Devices AD9480 Datasheet HTML 10Page - Analog Devices AD9480 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AD9480
Rev. A | Page 6 of 28
SWITCHING SPECIFICATIONS
AVDD = 3.3 V, DRVDD = 3.3 V, differential clock input, DCS enabled, unless otherwise noted.
Table 4.
AD9480-250
Parameter
Temp
Test Level
Min
Typ
Max
Unit
CLOCK
Maximum Conversion Rate
Full
VI
250
MSPS
Minimum Conversion Rate
Full
VI
20
MSPS
Clock Pulse Width High (tEH)
Full
IV
1.2
2
ns
Clock Pulse Width Low (tEL)
Full
IV
1.2
2
ns
OUTPUT PARAMETERS
Valid Time (tV)1
Full
VI
1.9
ns
Propagation Delay (tPD)
Full
VI
2.8
3.8
ns
Rise Time (tR) 20% to 80%
Full
V
0.5
ns
Fall Time (tF) 20% to 80%
Full
V
0.5
ns
DCO Propagation Delay (tCPD)
Full
VI
1.9
2.7
3.7
ns
Data-to-DCO Skew (tPD − tCPD)
Full
IV
0
0.1
0.6
ns
Pipeline Latency
25°C
VI
8
Cycles
APERTURE
Aperture Delay (tA)
25°C
V
1.5
ns
Aperture Uncertainty (Jitter)
25°C
V
0.25
ps rms
1 Valid time is approximately equal to minimum tPD. CLOAD equals 5 pF maximum.
TIMING DIAGRAM
N–1
N
N+1
N+8
N+9
N+10
N+11
tEH
tEL
1/fS
tA
N–8
tPD
8 CYCLES
tV
N–7
N
N+1
N+2
tCPD
CLK+
CLK–
DATA
OUT
DCO–
DCO+
AIN
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com