Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1059645 Datasheet(PDF) 2 Page - SICK AG

Part # 1059645
Description  PHOTOELECTRIC SENSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1059645 Datasheet(HTML) 2 Page - SICK AG

  1059645 Datasheet HTML 1Page - SICK AG 1059645 Datasheet HTML 2Page - SICK AG 1059645 Datasheet HTML 3Page - SICK AG 1059645 Datasheet HTML 4Page - SICK AG 1059645 Datasheet HTML 5Page - SICK AG 1059645 Datasheet HTML 6Page - SICK AG 1059645 Datasheet HTML 7Page - SICK AG 1059645 Datasheet HTML 8Page - SICK AG 1059645 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WL12G-3P2582P04 | W12G
PHOTOELECTRIC SENSORS
Illustration may differ
Ordering information
Type
Part no.
WL12G-3P2582P04
1059645
Other models and accessories
www.sick.com/W12G
Detailed technical data
Features
Sensor/ detection principle
Photoelectric retro-reflective sensor
Dimensions (W x H x D)
15.5 mm x 48.5 mm x 42 mm
Housing design (light emission)
Rectangular
Sensing range max.
0 m ... 3 m 1)
Type of light
Infrared light
Light source
LED 2)
Light spot size (distance)
Ø 25 mm (1.5 m)
Wave length
850 nm
Adjustment
Cable 3)
Single teach-in button 4)
1) Reflector P250F.
2) Average service life: 100,000 h at TU = +25 °C.
3) Mode I, 40 % attenuation.
4) Mode II, 18 % attenuation.
Communication interface
Communication interface
-
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-11-08 18:00:44
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com