Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1059645 Datasheet(PDF) 3 Page - SICK AG

Part # 1059645
Description  PHOTOELECTRIC SENSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1059645 Datasheet(HTML) 3 Page - SICK AG

  1059645 Datasheet HTML 1Page - SICK AG 1059645 Datasheet HTML 2Page - SICK AG 1059645 Datasheet HTML 3Page - SICK AG 1059645 Datasheet HTML 4Page - SICK AG 1059645 Datasheet HTML 5Page - SICK AG 1059645 Datasheet HTML 6Page - SICK AG 1059645 Datasheet HTML 7Page - SICK AG 1059645 Datasheet HTML 8Page - SICK AG 1059645 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
WL12G-3P2582P04 | W12G
PHOTOELECTRIC SENSORS
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
Ripple
≤ 5 Vpp 2)
Power consumption
≤ 40 mA 3)
Output type
PNP 4)
Switching mode
Light switching 4)
Signal voltage PNP HIGH/LOW
Approx. VS – 2.5 V / 0 V
Output current Imax.
100 mA
Response time
≤ 333 µs 5)
Switching frequency
1,500 Hz 6)
Connection type
Male connector M12, 5-pin
Circuit protection
A 7)
B
C 8)
D 9)
Protection class
III
Weight
120 g
Polarisation filter
✔
Special device
✔
Housing material
Metal, Zinc diecast
Optics material
Plastic, PMMA
Enclosure rating
IP66
IP67
Items supplied
Reflector P250F
Special feature
Detecting transparent objects
Ambient operating temperature
–40 °C ... +60 °C
Ambient storage temperature
–40 °C ... +75 °C
UL File No.
NRKH.E181493 & NRKH7.E181493
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) PNP toff 50 ms.
5) Signal transit time with resistive load.
6) With light/dark ratio 1:1.
7) A = VS connections reverse-polarity protected.
8) C = interference suppression.
9) D = outputs overcurrent and short-circuit protected.
Classifications
ECl@ss 5.0
27270902
ECl@ss 5.1.4
27270902
ECl@ss 6.0
27270902
ECl@ss 6.2
27270902
ECl@ss 7.0
27270902
2017-11-08 18:00:44 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com