Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1059645 Datasheet(PDF) 5 Page - SICK AG

Part # 1059645
Description  PHOTOELECTRIC SENSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1059645 Datasheet(HTML) 5 Page - SICK AG

  1059645 Datasheet HTML 1Page - SICK AG 1059645 Datasheet HTML 2Page - SICK AG 1059645 Datasheet HTML 3Page - SICK AG 1059645 Datasheet HTML 4Page - SICK AG 1059645 Datasheet HTML 5Page - SICK AG 1059645 Datasheet HTML 6Page - SICK AG 1059645 Datasheet HTML 7Page - SICK AG 1059645 Datasheet HTML 8Page - SICK AG 1059645 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
WL12G-3P2582P04 | W12G
PHOTOELECTRIC SENSORS
Sensing range diagram
WL12G-3
0
4.0
0
3.0
0
3.5
0
3.5
0
3.0
0
1.8
0.6
8
7
6
5
4
3
2
0
4.0
1
Sensing range max.
0
1.0
(3.28)
2.0
(6.56)
4.0
(13.12)
3.0
(9.84)
Distance in m (feet)
0
①  Reflector PL80A
②  Reflector C110A
③  Reflector P250F
④  Reflector PL50A
⑤  Reflector PL40A
⑥  Reflector PL30A
⑦  Reflector PL20A
⑧  Reflective tape REF-IRF-56
Functions
Lichtdämpfung /
Objekttyp /
Teach-in-Zeit /
Teach-in time
Ext. Teach-in über Lei‐
tung /
Ext. cable teach-in
Anzeige-LED /
LED indicator
PET-Flasche / Folie /
Teach-in-Modus für Ob‐
jekte /
Teach-in mode for objects
I
PET-Flasche / Folie/ glas
1 ... 5 s
30 ... 100 ms
grün / green
II
10 %
Glas /
5 ... 10 s
100 ... 200 ms
blau / blue
18 %
Farbglasflaschen/
Colored glass bottles
2017-11-08 18:00:44 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com