Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2132SPBF Datasheet(PDF) 19 Page - International Rectifier

Part # IR2132SPBF
Description  3-PHASE BRIDGE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2132SPBF Datasheet(HTML) 19 Page - International Rectifier

Back Button IR2132SPBF Datasheet HTML 15Page - International Rectifier IR2132SPBF Datasheet HTML 16Page - International Rectifier IR2132SPBF Datasheet HTML 17Page - International Rectifier IR2132SPBF Datasheet HTML 18Page - International Rectifier IR2132SPBF Datasheet HTML 19Page - International Rectifier IR2132SPBF Datasheet HTML 20Page - International Rectifier IR2132SPBF Datasheet HTML 21Page - International Rectifier IR2132SPBF Datasheet HTML 22Page - International Rectifier IR2132SPBF Datasheet HTML 23Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
IR2130/IR2132(J)(S) & (PbF)
www.irf.com
19
Figure 43A. Amplifier PSRR vs. Temperature
Figure 43B. Amplifier PSRR vs. Voltage
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Min.
0
20
40
60
80
100
10
12
14
16
18
20
VCC Supply Voltage (V)
Min.
Typ.
Figure 42A. Amplifier CMRR vs. Temperature
Figure 42B. Amplifier CMRR vs. Voltage
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Min.
0
20
40
60
80
100
10
12
14
16
18
20
VCC Supply Voltage (V)
Min.
Typ.
Figure 41A. CA- Input Current vs. Temperature
Figure 41B. CA- Input Current vs. Voltage
0.0
2.0
4.0
6.0
8.0
10.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
0.0
2.0
4.0
6.0
8.0
10.0
10
12
14
16
18
20
VCC Supply Voltage (V)
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com