Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2132SPBF Datasheet(PDF) 21 Page - International Rectifier

Part # IR2132SPBF
Description  3-PHASE BRIDGE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2132SPBF Datasheet(HTML) 21 Page - International Rectifier

Back Button IR2132SPBF Datasheet HTML 17Page - International Rectifier IR2132SPBF Datasheet HTML 18Page - International Rectifier IR2132SPBF Datasheet HTML 19Page - International Rectifier IR2132SPBF Datasheet HTML 20Page - International Rectifier IR2132SPBF Datasheet HTML 21Page - International Rectifier IR2132SPBF Datasheet HTML 22Page - International Rectifier IR2132SPBF Datasheet HTML 23Page - International Rectifier IR2132SPBF Datasheet HTML 24Page - International Rectifier IR2132SPBF Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
IR2130/IR2132(J)(S) & (PbF)
www.irf.com
21
Figure 49A. Amplifier Output Low Short Circuit Current
vs. Temperature
Figure 49B. Amplifier Output Low Short Circuit Current
vs. Voltage
0.0
3.0
6.0
9.0
12.0
15.0
10
12
14
16
18
20
VCC Supply Voltage (V)
Max.
Typ.
0.0
3.0
6.0
9.0
12.0
15.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Max.
Figure 48A. Amplifier Output High Short Circuit
Current vs. Temperature
Figure 48B. Amplifier Output High Short Circuit
Current vs. Voltage
0.0
3.0
6.0
9.0
12.0
15.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Max.
0.0
3.0
6.0
9.0
12.0
15.0
10
12
14
16
18
20
VCC Supply Voltage (V)
Max.
Typ.
Figure 47A. Amplifier Output Sink Current vs.
Temperature
Figure 47B. Amplifier Output Sink Current vs. Voltage
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Min.
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
VCC Supply Voltage (V)
Typ.
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com