Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2132SPBF Datasheet(PDF) 23 Page - International Rectifier

Part # IR2132SPBF
Description  3-PHASE BRIDGE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2132SPBF Datasheet(HTML) 23 Page - International Rectifier

Back Button IR2132SPBF Datasheet HTML 18Page - International Rectifier IR2132SPBF Datasheet HTML 19Page - International Rectifier IR2132SPBF Datasheet HTML 20Page - International Rectifier IR2132SPBF Datasheet HTML 21Page - International Rectifier IR2132SPBF Datasheet HTML 22Page - International Rectifier IR2132SPBF Datasheet HTML 23Page - International Rectifier IR2132SPBF Datasheet HTML 24Page - International Rectifier IR2132SPBF Datasheet HTML 25Page - International Rectifier IR2132SPBF Datasheet HTML 26Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
IR2130/IR2132(J)(S) & (PbF)
www.irf.com
23
Figure 58. IR2130J/IR2132J
TJ vs. Frequency (IRGPC50KD2)
RGATE = 10Ω
Ω
Ω
Ω
Ω, VCC = 15V
Figure 55. IR2130J/IR2132J
TJ vs. Frequency (IRGPC20KD2)
RGATE = 33Ω
Ω
Ω
Ω
Ω, VCC = 15V
Figure 56. IR2130J/IR2132J
TJ vs. Frequency (IRGPC30KD2)
RGATE = 20Ω
Ω
Ω
Ω
Ω, VCC = 15V
20
30
40
50
60
70
80
90
10 0
11 0
12 0
1E +2
1E +3
1E +4
1E +5
48 0V
16 0V
0V
32 0V
Frequency (Hz)
20
30
40
50
60
70
80
90
10 0
11 0
12 0
1E +2
1E +3
1E +4
1E +5
48 0V
32 0V
0V
16 0
Frequency (Hz)
20
30
40
50
60
70
80
90
100
110
120
1E+2
1E+3
1E+4
1E+5
480V
160V
320V
0V
Frequency (Hz)
Figure 57. IR2130J/IR2132J
TJ vs. Frequency (IRGPC40KD2)
RGATE = 15Ω
Ω
Ω
Ω
Ω, VCC = 15V
20
30
40
50
60
70
80
90
100
110
120
1E+2
1E+3
1E+4
1E+5
480V
160V
320V
0V
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com