Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3987 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3987
Description  Micropower micro SMD 150 mA Ultra Low-Dropout CMOS Voltage Regulators with sleep MODE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3987 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3987 Datasheet HTML 1Page - National Semiconductor (TI) LP3987 Datasheet HTML 2Page - National Semiconductor (TI) LP3987 Datasheet HTML 3Page - National Semiconductor (TI) LP3987 Datasheet HTML 4Page - National Semiconductor (TI) LP3987 Datasheet HTML 5Page - National Semiconductor (TI) LP3987 Datasheet HTML 6Page - National Semiconductor (TI) LP3987 Datasheet HTML 7Page - National Semiconductor (TI) LP3987 Datasheet HTML 8Page - National Semiconductor (TI) LP3987 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Pin Descriptions
Name
micro SMD*
Function
V
EN
A1
Enable Input Logic, Enable High
GND
B2
Common Ground
V
OUT
C1
Output voltage of the LDO
V
IN
C3
Input voltage of the LDO
MODE
A3
Power Mode Control, Active = 1, Sleep
Mode = 0
* The pin numbering scheme for the micro SMD package was revised in April, 2002 to conform to JEDEC standard. Only the pin numbers
were revised. No changes to the physical location of the inputs/outputs were made. For reference purposes, the obsolete numbering
scheme had VEN as pin 1, GND as pin 2, VOUT as pin 3, VIN as pin 4, and MODE as pin 5.
Ordering Information
BP refers to a 0.170mm bump size with package height of 0.9mm
Output
Voltage (V)
Grade
LP3987 Supplied as 250
Units, Tape and Reel
LP3987 Supplied as 3000
Units, Tape and Reel
2.85*
STD
LP3987IBP-2.85
LP3987IBPX-2.85
* Please contact National Semiconductor for availability
BL refers to a 0.300mm bump size with package height of 0.9mm
Output
Voltage (V)
Grade
LP3987 Supplied as 250
Units, Tape and Reel
LP3987 Supplied as 3000
Units, Tape and Reel
2.85
STD
LP3987IBL-2.85
LP3987IBLX-2.85
* Please contact National Semiconductor for availability
TL refers to a 0.300mm bump size with package height of 0.6mm
Output
Voltage (V)
Grade
LP3987 Supplied as 250
Units, Tape and Reel
LP3987 Supplied as 3000
Units, Tape and Reel
2.5
STD
LP3987ITL-2.5
LP3987ITLX-2.5
2.6
STD
LP3987ITL-2.6
LP3987ITLX-2.6
2.8
STD
LP3987ITL-2.8
LP3987ITLX-2.8
2.85
STD
LP3987ITL-2.85
LP3987ITLX-2.85
3.0*
STD
LP3987ITL-3.0
LP3987ITLX-3.0
* Please contact National Semiconductor for availability
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com