Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3987 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3987
Description  Micropower micro SMD 150 mA Ultra Low-Dropout CMOS Voltage Regulators with sleep MODE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3987 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3987 Datasheet HTML 1Page - National Semiconductor (TI) LP3987 Datasheet HTML 2Page - National Semiconductor (TI) LP3987 Datasheet HTML 3Page - National Semiconductor (TI) LP3987 Datasheet HTML 4Page - National Semiconductor (TI) LP3987 Datasheet HTML 5Page - National Semiconductor (TI) LP3987 Datasheet HTML 6Page - National Semiconductor (TI) LP3987 Datasheet HTML 7Page - National Semiconductor (TI) LP3987 Datasheet HTML 8Page - National Semiconductor (TI) LP3987 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
−0.3 to 6.5V
V
EN,VMODE
−0.3 to 6.5V
V
OUT
−0.3V to(V
IN+
0.3V)
≤ 6.5
Storage Temperature
−65˚C to +150˚C
ESD (Note 4)
Human Body Model
2KV
Machine Model
200V
Maximum Power Dissipation (Note 3)
θ
JA (micro SMD small bump)
255˚C/W
Operating Ratings (Notes 1, 2)
V
IN
V
OUT+ 200mV to 6V
V
EN,VMODE
0 to 6.0V
Junction Temperature
−40˚C to +125˚C
Maximum Power Dissipation (Note 3)
392mW at 25˚C
Electrical Characteristics
Unless otherwise specified: V
EN = 1.8V, MODE = 1.8V, VIN =VOUT(nom) + 0.5V, CIN = 1 µF, IOUT = 1mA, COUT = 1 µF. Typical
values and limits appearing in standard typeface are for T
J = 25˚C. Limits appearing in boldface type apply over the entire
junction temperature range for operation, −40˚C to +125˚C. (Note 10) (Note 11)
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
∆V
OUT
Output Voltage
Tolerance
I
OUT = 1mA, 25˚C
-2
2
%of
V
OUT(nom)
I
OUT = 1mA
−3
3
Line Regulation Error
V
IN =(VOUT(nom) + 0.5V) to
6.0V,
I
OUT =1 mA
−0.1
0.1
%/V
Load Regulation Error
I
OUT = 1mA to 150 mA
0.0004
0.002
%/mA
Dropout Voltage
(Note 6)
I
OUT = 1mA
0.4
2
mV
I
OUT = 150mA
60
100
∆V
OUT(SLEEP)
Output Voltage
difference at MODE =
0V
MODE = 0V, (Note 7)
-150
+100
mV
Transient
Response
Line Transient
Response (Note 5)
MODE = 1.8V, I
LOAD =
100mA, T
RISE =TFALL =
10µS,
V
IN = 600mV P-P AC Square
wave, (Note 8)
21
mVpp
Load Transient
Response (Note 5)
MODE = 1.8V, C
OUT = 4.7µF,
T
RISE =TFALL = 100nS,
V
IN = 3.1V, 3.6V, 4.2V, (Notes
9, 12)
100
mVpk
PSRR
Power Supply Rejection
Ratio (Note 5)
V
IN =VOUT(nom) + 1V, MODE
= 1.8V, f = <10 kHz,
I
OUT = 1mA
50
dB
V
IN =VOUT(nom) + 1V, MODE
= 0V, f = <10 kHz,
I
OUT = 1mA
10
I
Q(ON)
Quiescent Current
MODE = 1.8V, I
OUT = 0mA,
V
IN
= 4.2V
85
120
µA
MODE = 1.8V, I
OUT = 150mA,
V
IN = 4.2V
160
200
I
Q(OFF)
Quiescent Current
ENABLE = 0V, V
IN = 4.2V
1
3
µA
I
Q(SLEEP)
Current in Standby
Mode
MODE = 0V, I
OUT = 50µA, VIN
= 4.2V
14
21
µA
I
SC
Short Circuit Current
Limit (Note 5)
Output Grounded
600
mA
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com