Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3987 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3987
Description  Micropower micro SMD 150 mA Ultra Low-Dropout CMOS Voltage Regulators with sleep MODE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3987 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3987 Datasheet HTML 1Page - National Semiconductor (TI) LP3987 Datasheet HTML 2Page - National Semiconductor (TI) LP3987 Datasheet HTML 3Page - National Semiconductor (TI) LP3987 Datasheet HTML 4Page - National Semiconductor (TI) LP3987 Datasheet HTML 5Page - National Semiconductor (TI) LP3987 Datasheet HTML 6Page - National Semiconductor (TI) LP3987 Datasheet HTML 7Page - National Semiconductor (TI) LP3987 Datasheet HTML 8Page - National Semiconductor (TI) LP3987 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LP3987
Micropower micro SMD 150 mA Ultra Low-Dropout
CMOS Voltage Regulators with sleep MODE
General Description
The LP3987 is a 150mA fixed output voltage regulator with
very low dropout voltage designed specially to meet require-
ments of battery-powered applications. The additional sleep
MODE feature will reduce current consumption during
standby operation to prolong the usage of battery.
Dropout Voltage: 100mV maximum dropout with 150mA
load.
Shutdown: Less than 1µA quiescent current.
Sleep Mode: Typically 14µA quiescent current during sleep
MODE to reduce battery consumption.
Enhanced Stability: The LP3987 is stable with minimum
1µF±20% low ESR ceramic output capacitor as low as 5m
Ω
and high quality tantalum capacitors.
The LP3987 is available in thin and thick 5 Bump micro SMD
package. Performance is specified for −40˚C to 125˚C.
This device is available with output voltage options of 2.6V,
2.8V, & 2.85V. For other voltage options, please contact
National Semiconductor Corporation.
Features
n
Miniature 5-I/O micro SMD package
n
Stable with ceramic and high quality tantalum output
capacitors
n
Logic controlled enable
n
Thermal Shutdown and short-circuit current limit
Key Specifications
n
2.7 to 6.0V input range
n
Guaranteed 150 mA output current
n
1µA quiescent current on shutdown
n
100 mV maximum dropout with 150 mA load
n
50dB PSRR at 10KHz
n
Sleep MODE features
n
Over temperature & over current protection
n
−40˚C to +125˚C junction temperature range for
operation
Applications
n
CDMA cellular handsets
n
Wideband CDMA cellular handsets
n
GSM cellular handsets
n
Portable information appliances
n
µP/DSP Power Supplies
n
Digital Cameras
n
SRAM Backup
Typical Application Circuit
20022201
February 2003
© 2003 National Semiconductor Corporation
DS200222
www.national.com


Similar Part No. - LP3987

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3987 POWER-LP3987 Datasheet
292Kb / 8P
300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
logo
Texas Instruments
LP3987 TI-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low Dropout CMOS Voltage Regulator With Sleep MODE
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
logo
Lowpower Semiconductor ...
LP3987-1.5B3A POWER-LP3987-1.5B3A Datasheet
292Kb / 8P
300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
LP3987-1.5B3B POWER-LP3987-1.5B3B Datasheet
292Kb / 8P
300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
More results

Similar Description - LP3987

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3986 NSC-LP3986 Datasheet
328Kb / 13P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
logo
Texas Instruments
LP3987ITL-2.6 TI-LP3987ITL-2.6 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low Dropout CMOS Voltage Regulator With Sleep MODE
LP3986 TI-LP3986_15 Datasheet
996Kb / 18P
LP3986 Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in DSBGA Package
LP3987 TI-LP3987_15 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator With Sleep MODE
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3986 TI1-LP3986 Datasheet
1Mb / 18P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com