Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF045120 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DF045120
Description  RF Power Feed-Through Capacitors with Mounting Tags, Class 1 Ceramic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DF045120 Datasheet(HTML) 1 Page - Vishay Siliconix

  DF045120 Datasheet HTML 1Page - Vishay Siliconix DF045120 Datasheet HTML 2Page - Vishay Siliconix DF045120 Datasheet HTML 3Page - Vishay Siliconix DF045120 Datasheet HTML 4Page - Vishay Siliconix DF045120 Datasheet HTML 5Page - Vishay Siliconix DF045120 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DF 045120, DF 045155
www.vishay.com
Vishay Draloric
Revision: 14-Sep-15
1
Document Number: 22145
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RF Power Feed-Through Capacitors
with Mounting Tags, Class 1 Ceramic
MATERIAL
Capacitor elements made from class 1 ceramic dielectric
with noble metal electrodes.
Connection terminals:
made from copper / brass, silver plated.
For higher feed-through current, an additional feed-through
conductor must be provided.
FINISH
Capacitor body completely protective lacquered.
The contoured insulating rims are additionally glazed.
MARKING
Type designator, capacitance value and tolerance, rated
peak voltage, ceramic material code, production date code,
manufacturer logo
FEATURES
• Geometry minimizes inductance
• Wide range of capacitance values
• High voltage ratings
APPLICATIONS
Filtering purposes in industrial and medical RF power
equipment, where high voltages and high feed-through
currents are required.
CAPACITANCE RANGE
200 pF to 4.7 nF
CAPACITANCE TOLERANCE
± 20 %; ± 10 %; ± 5 %
CERAMIC DIELECTRICS
• R16 (TCC + 100 ppm/K)
• R42 (TCC - 250 ppm/K)
• R85 (TCC - 750 ppm/K)
• R230 (TCC - 750 ppm/K)
RATED VOLTAGE
• 10 kVp
• 11 kVp
• 14 kVp
DIELECTRIC STRENGTH TEST
200 % of rated AC voltage (50 Hz, 5 minutes)
DISSIPATION FACTOR
R16:
max. 0.04 %
R42, R85, R230: max. 0.05 %
Measuring frequencies:
1 MHz (< 1 nF); 300 kHz or 100 kHz (
 1 nF)
INSULATION RESISTANCE
Min. 10 000 M
 (at 25 °C)
OPERATING TEMPERATURE RANGE
-55 °C to +100 °C
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
1
Ceramic Dielectric
R16, R42, R85, R230
R85, R230
Type
DF 045120
DF 045155
Voltage (Vp)
10 000
11 000
14 000
Min. Capacitance (pF)
800
200
1000
Max. Capacitance (pF)
4700
3000
2700
Mounting
Screw terminal


Similar Part No. - DF045120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF045120 VISHAY-DF045120 Datasheet
139Kb / 3P
Feed-Through Capacitors, Tag Mounting
21-Nov-01
More results

Similar Description - DF045120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DWA045120 VISHAY-DWA045120 Datasheet
97Kb / 5P
RF Power Feed-Through Capacitors with Mounting Tags, Class 1 Ceramic
04-Sep-15
R.020080 VISHAY-R.020080 Datasheet
85Kb / 4P
RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
04-Sep-15
DF016030 VISHAY-DF016030 Datasheet
77Kb / 3P
RF Power Feed-Through Capacitors with Mounting Tags, Class 1 Ceramic
02-Sep-15
DF030070 VISHAY-DF030070_15 Datasheet
101Kb / 5P
RF Power Feed-Through Capacitors with Mounting Tags, Class 1 Ceramic
02-Sep-15
RA020080 VISHAY-RA020080 Datasheet
82Kb / 4P
RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
04-Sep-15
R016040 VISHAY-R016040 Datasheet
87Kb / 4P
RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
04-Sep-15
R012085 VISHAY-R012085 Datasheet
80Kb / 4P
RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
04-Sep-15
T050120 VISHAY-T050120 Datasheet
95Kb / 5P
RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
07-Sep-15
T045090 VISHAY-T045090 Datasheet
132Kb / 10P
RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
15-Mar-2021
T020030 VISHAY-T020030 Datasheet
134Kb / 10P
RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
15-Mar-2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com