Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF045120 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DF045120
Description  RF Power Feed-Through Capacitors with Mounting Tags, Class 1 Ceramic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DF045120 Datasheet(HTML) 4 Page - Vishay Siliconix

  DF045120 Datasheet HTML 1Page - Vishay Siliconix DF045120 Datasheet HTML 2Page - Vishay Siliconix DF045120 Datasheet HTML 3Page - Vishay Siliconix DF045120 Datasheet HTML 4Page - Vishay Siliconix DF045120 Datasheet HTML 5Page - Vishay Siliconix DF045120 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DF 045120, DF 045155
www.vishay.com
Vishay Draloric
Revision: 14-Sep-15
4
Document Number: 22145
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DF045120BH801##BH1
DF045120WE102##BJ1
DF045120WE122##BJ1
DF045120BH152##BJ1
DF045120WE202##BK1
DF045120WE252##BK1
DF045120WE302##BK1
DF045120BH472##BK1
DERATING DIAGRAMS
0.1
1
10
100
0.1
1
10
100
0.01
0.1
1
10
100
Frequency (MHz)
8.28 MHz
0.24 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.01
0.1
1
10
100
Frequency (MHz)
6.63 MHz
0.16 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.01
0.1
1
10
100
Frequency (MHz)
5.52 MHz
0.13 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.01
0.1
1
10
100
Frequency (MHz)
4.42 MHz
0.13 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.001
0.01
0.1
1
10
Frequency (MHz)
3.31 MHz
0.08 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.001
0.01
0.1
1
10
Frequency (MHz)
2.65 MHz
0.06 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.001
0.01
0.1
1
10
Frequency (MHz)
2.21 MHz
0.05 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.001
0.01
0.1
1
10
Frequency (MHz)
1.41 MHz
0.04 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com