Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF045120 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DF045120
Description  RF Power Feed-Through Capacitors with Mounting Tags, Class 1 Ceramic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DF045120 Datasheet(HTML) 3 Page - Vishay Siliconix

  DF045120 Datasheet HTML 1Page - Vishay Siliconix DF045120 Datasheet HTML 2Page - Vishay Siliconix DF045120 Datasheet HTML 3Page - Vishay Siliconix DF045120 Datasheet HTML 4Page - Vishay Siliconix DF045120 Datasheet HTML 5Page - Vishay Siliconix DF045120 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DF 045120, DF 045155
www.vishay.com
Vishay Draloric
Revision: 14-Sep-15
3
Document Number: 22145
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MOUNTING GUIDELINES
• The connection to one electrode must be flexible in order to prevent the generation of physical force which could damage the
capacitor elements. Such forces are often generated by the dimensional differences resulting from the normal physical
tolerances of these components.
• The capacitor elements must not be used as a mechanical support for other devices or components.
DERATING DIAGRAMS
DF045120WE201##BG1
DF045120WE251##BG1
DF045120WE301##BG1
DF045120WE401##BH1
DF045120WE501##BH1
DF045120WE601##BH1
0.1
1
10
100
0.1
1
10
100
0.01
0.1
1
10
100
Frequency (MHz)
33.1 MHz
0.79 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.01
0.1
1
10
100
Frequency (MHz)
26.5 MHz
0.63 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.01
0.1
1
10
100
Frequency (MHz)
22.1 MHz
0.53 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.01
0.1
1
10
100
Frequency (MHz)
16.6 MHz
0.39 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.01
0.1
1
10
100
Frequency (MHz)
13.3 MHz
0.32 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.01
0.1
1
10
100
Frequency (MHz)
11.0 MHz
0.26 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com