Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP2802 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP2802
Description  Low Power Consumption Current Mode Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2802 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP2802 Datasheet HTML 1Page - Vishay Siliconix SIP2802 Datasheet HTML 2Page - Vishay Siliconix SIP2802 Datasheet HTML 3Page - Vishay Siliconix SIP2802 Datasheet HTML 4Page - Vishay Siliconix SIP2802 Datasheet HTML 5Page - Vishay Siliconix SIP2802 Datasheet HTML 6Page - Vishay Siliconix SIP2802 Datasheet HTML 7Page - Vishay Siliconix SIP2802 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SiP2800/01/02/03/04/05
Vishay Siliconix
New Product
Document Number: 72660
S-41623—Rev.C, 30-Aug-04
www.vishay.com
1
Low Power Consumption Current Mode Controller
FEATURES
D Pin-for-Pin Compatible with UCC280X Controllers
D Enhanced Performance UC284X for New Designs
D 100-
mA Typical Start-Up Current
D 500-
mA Typical Operating Current
D Internal Soft Start at Power-On and After Fault
D 100-ns Internal Leading Edge Blanking
APPLICATIONS
D Efficiency-Enhanced DC/DC Converter Modules
D Low Quiescent Current Standby Power Supplies
D Offline (AC/DC) Power Supplies
D Universal Input Power Supplies
D Buck, Boost, and Buck-Boost Converters
DESCRIPTION
The SiP280X family includes six high-speed, low power
consumption, BiCMOS Current Mode Controllers.
These
integrated circuits contain all of the control and drive functions
required for off-line and dc-to-dc current-mode switching
power supplies. Their advanced architecture enables the
implementation of full-featured designs with minimal external
parts count.
The SiP280X family controllers are available in both standard
and lead (Pb)-free, SO-8 and TSSOP-8 packages, and are
rated for operation over the industrial temperature range of
--40 to 85 _C.
Part Number
Maximum
Duty Cycle
Reference
Voltage
Turn-On
Threshold
Turn-Off
Threshold
SiP2800
100%
5V
7.2 V
6.9 V
SiP2801
50%
5V
9.4 V
7.4 V
SiP2802
100%
5V
12.5 V
8.3 V
SiP2803
100%
4V
4.1 V
3.6 V
SiP2804
50%
5V
12.5 V
8.3 V
SiP2805
50%
4V
4.1 V
3.6 V
TYPICAL APPLICATION CIRCUIT
VCC
REF
GND
RC
OUT
+48 V
GND
COMP
FB
CS
SiP2801
12 V/3 A
+
+
+
Flyback Converter for Point of Load Application


Similar Part No. - SIP2802

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP2802 VISHAY-SIP2802 Datasheet
174Kb / 10P
Low Power Consumption Current Mode Controller
25-Apr-11
SIP2802 VISHAY-SIP2802 Datasheet
161Kb / 11P
Low Power Consumption Current Mode Controller
25-Apr-11
SIP2802DY-T1 VISHAY-SIP2802DY-T1 Datasheet
161Kb / 11P
Low Power Consumption Current Mode Controller
25-Apr-11
More results

Similar Description - SIP2802

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612_10 Datasheet
6Mb / 364P
Very Low Current Consumption in Sleep Mode
logo
Texas Instruments
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
logo
Vishay Siliconix
SIP2800 VISHAY-SIP2800_11 Datasheet
174Kb / 10P
Low Power Consumption Current Mode Controller
25-Apr-11
logo
Texas Instruments
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
logo
ON Semiconductor
NCP1256 ONSEMI-NCP1256 Datasheet
398Kb / 24P
Low Power Offline PWM Current Mode Controller
December, 2015 ??Rev. 3
logo
Vishay Siliconix
SIP2800 VISHAY-SIP2800_V01 Datasheet
161Kb / 11P
Low Power Consumption Current Mode Controller
25-Apr-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com