Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP2802 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP2802
Description  Low Power Consumption Current Mode Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2802 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP2802 Datasheet HTML 1Page - Vishay Siliconix SIP2802 Datasheet HTML 2Page - Vishay Siliconix SIP2802 Datasheet HTML 3Page - Vishay Siliconix SIP2802 Datasheet HTML 4Page - Vishay Siliconix SIP2802 Datasheet HTML 5Page - Vishay Siliconix SIP2802 Datasheet HTML 6Page - Vishay Siliconix SIP2802 Datasheet HTML 7Page - Vishay Siliconix SIP2802 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SiP2800/01/02/03/04/05
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 72660
S-41623—Rev.C, 30-Aug-04
TYPICAL CHARACTERISTICS
1
--30
80
10
10000
Error Amplifier Gain and Phase vs. Frequency
Frequency (kHz)
100
0
50
100
150
200
250
300
350
400
450
500
100
200
300
400
500
600
700
800
900 1000
Rt = 100 kΩ
Oscillator Dead Time vs. Ct
Ct (pf)
SiP2800/01/02/04
Oscillator Frequency vs. Rt and Ct
Rt (kΩ)
0.7
0.8
0.9
1.0
1.1
1.2
1.3
--50
--25
0
25
50
75
100
125
150
CS = 0 V
COMP to CS Offset Voltage vs. Temperature
Temperature (_C)
SiP2803/05
Oscillator Frequency vs. Rt and Ct
Rt (kΩ)
70
60
50
40
30
20
10
0
--10
--20
1000
135
45
0
--45
90
Ct = 100 pF
1000
100
10
10
100
1000
1000
100
10
10
100
1000
Ct = 200 pF
Ct = 330 pF
Ct = 1000 pF
Ct = 100 pF
Ct = 200 pF
Ct = 330 pF
Ct = 1000 pF
SiP2803/05
SiP2800/01/02/04
Phase
Gain



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com