Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP2802 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP2802
Description  Low Power Consumption Current Mode Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2802 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP2802 Datasheet HTML 1Page - Vishay Siliconix SIP2802 Datasheet HTML 2Page - Vishay Siliconix SIP2802 Datasheet HTML 3Page - Vishay Siliconix SIP2802 Datasheet HTML 4Page - Vishay Siliconix SIP2802 Datasheet HTML 5Page - Vishay Siliconix SIP2802 Datasheet HTML 6Page - Vishay Siliconix SIP2802 Datasheet HTML 7Page - Vishay Siliconix SIP2802 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SiP2800/01/02/03/04/05
Vishay Siliconix
New Product
Document Number: 72660
S-41623—Rev.C, 30-Aug-04
www.vishay.com
5
PIN CONFIGURATION
5
COMP
REF
FB
VCC
CS
OUT
RC
GND
SOIC-8
6
7
8
2
3
4
1
Top View
COMP
FB
CS
RC
1
2
3
4
8
7
6
5
REF
VCC
OUT
GND
TSSOP-8
Top View
D
ORDERING INFORMATION
SOIC-8
TSSOP-8
Part Number
Lead (Pb)-Free
Part Number
Marking
Temperature
Part Number
Lead (Pb)-Free
Part Number
Marking
Temperature
SiP2800DY-T1
SiP2800DY-T1—E3
2800
SiP2800DQ-T1
SiP2800DQ-T1—E3
2800
SiP2801DY-T1
SiP2801DY-T1—E3
2801
SiP2801DQ-T1
SiP2801DQ-T1—E3
2801
SiP2802DY-T1
SiP2802DY-T1—E3
2802
40 to 85_C
SiP2802DQ-T1
SiP2802DQ-T1—E3
2802
40 to 85_C
SiP2803DY-T1
SiP2803DY-T1—E3
2803
--40 to 85_C
SiP2803DQ-T1
SiP2803DQ-T1—E3
2803
--40 to 85_C
SiP2804DY-T1
SiP2804DY-T1—E3
2804
SiP2804DQ-T1
SiP2804DQ-T1—E3
2804
SiP2805DY-T1
SiP2805DY-T1—E3
2805
SiP2805DQ-T1
SiP2805DQ-T1—E3
2805
Additional voltage options are available.
PIN DESCRIPTION
Pin Number
Name
Function
1
COMP
Output of the Voltage Error Amplifier, and the inverting input to the PWM’s Current Sense Comparator
2
FB
Inverting input of the Voltage Error Amplifier
3
CS
Non-inverting input of the PWM Current Sense Comparator, and inverting input of the Overcurrent Fault Comparator
(both comparators are fed from the output of the internal 100-ns Leading Edge Blanking circuit)
4
RC
Connection for the PWM Oscillator’s timing resistor and timing capacitor
5
GND
Ground Pin.
6
OUT
PWM Output Signal (capable of driving
750 mA into the gate of an external MOSFET power switch)
7
VCC
Positive supply voltage for the IC
8
REF
IC Reference Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com