Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M182 Datasheet(PDF) 33 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 29Page - SMSC Corporation LPC47M182 Datasheet HTML 30Page - SMSC Corporation LPC47M182 Datasheet HTML 31Page - SMSC Corporation LPC47M182 Datasheet HTML 32Page - SMSC Corporation LPC47M182 Datasheet HTML 33Page - SMSC Corporation LPC47M182 Datasheet HTML 34Page - SMSC Corporation LPC47M182 Datasheet HTML 35Page - SMSC Corporation LPC47M182 Datasheet HTML 36Page - SMSC Corporation LPC47M182 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC LPC47M182
33
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
DATASHEET
Chapter 6 Functional Description
The following sections describe the functional blocks located in the LPC47M182 (see Figure 4.1). The
various Super I/O components are described in the following sections and their registers are implemented
as typical Plug-and-Play components (see section Chapter 11
− Configuration on page 167).
6.1
Super I/O Registers
Table 6.1 shows the logical device number and addresses of FDC, Serial and Parallel ports,
Keyboard/Mouse, Power Control and GPIO Block, and configuration register block of the Super I/O
immediately after power up. The logical device numbering is controlled by the LD_NUM bit in the TEST 7
configuration register (0x29. The base addresses of the blocks can be programmed via the configuration
registers. Refer to the “Configuration” section for configuration register description.
Table 6.1 – Super I/O Block Logical Device Number and Addresses
LD_NUM bit = 0 (default)
LD_NUM bit = 1
LD
NUMBER
DEVICE NAME
BLOCK ADDRESS
LD
NUMBER
DEVICE
NAME
BLOCK ADDRESS
00h
Floppy Disk
Controller
Base+(0-5) and +(7)
00h
Floppy Disk
Controller
Base+(0-5) and +(7)
01h
Parallel Port
Base+(0-3)
Base+(0-7)
Base+(0-3), +(400-402)
Base+(0-7), +(400-402)
01h
-
-
02h
Serial Port 2
Base+(0-7)
02h
Serial Port 2
Base+(0-7)
03h
Serial Port 1
Base+(0-7)
03h
Parallel Port
Base+(0-3)
Base+(0-7)
Base+(0-3), +(400-402)
Base+(0-7), +(400-402)
04h
Power Control
Base+(0-31)
04h
Serial Port 1
Base+(0-7)
05h
Mouse
05h
-
-
06h
Keyboard
60, 64
06h
-
-
07h
GPIO
Base+(0-31)
07h
Keyboard/Mou
se
60, 64
08h
-
-
08h
-
-
09h
-
-
09h
-
-
0Ah
-
-
0Ah
Runtime
Register Block
– contains
Power Control
and GPIO
Block registers
in this mode.
Base+(0-63)
-
Configuration
Base + (0-1)
-
Configuration
Base + (0-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com