Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M182 Datasheet(PDF) 85 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 85 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 81Page - SMSC Corporation LPC47M182 Datasheet HTML 82Page - SMSC Corporation LPC47M182 Datasheet HTML 83Page - SMSC Corporation LPC47M182 Datasheet HTML 84Page - SMSC Corporation LPC47M182 Datasheet HTML 85Page - SMSC Corporation LPC47M182 Datasheet HTML 86Page - SMSC Corporation LPC47M182 Datasheet HTML 87Page - SMSC Corporation LPC47M182 Datasheet HTML 88Page - SMSC Corporation LPC47M182 Datasheet HTML 89Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC LPC47M182
85
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
DATASHEET
Bits 5 through 7
These bits are permanently set to logic zero.
6.28.9 LINE STATUS REGISTER (LSR)
Address Offset = 5H, DLAB = X, READ/WRITE
Bit 0
Data Ready (DR). It is set to a logic “1” whenever a complete incoming character has been received and
transferred into the Receiver Buffer Register or the FIFO. Bit 0 is reset to a logic “0” by reading all of the
data in the Receive Buffer Register or the FIFO.
Bit 1
Overrun Error (OE). Bit 1 indicates that data in the Receiver Buffer Register was not read before the next
character was transferred into the register, thereby destroying the previous character. In FIFO mode, an
overrun error will occur only when the FIFO is full and the next character has been completely received in
the shift register, the character in the shift register is overwritten but not transferred to the FIFO. The OE
indicator is set to a logic “1” immediately upon detection of an overrun condition, and reset whenever the
Line Status Register is read.
Bit 2
Parity Error (PE). Bit 2 indicates that the received data character does not have the correct even or odd
parity, as selected by the even parity select bit. The PE is set to a logic “1” upon detection of a parity error
and is reset to a logic “0” whenever the Line Status Register is read. In the FIFO mode this error is
associated with the particular character in the FIFO it applies to. This error is indicated when the
associated character is at the top of the FIFO.
Bit 3
Framing Error (FE). Bit 3 indicates that the received character did not have a valid stop bit. Bit 3 is set to
a logic “1” whenever the stop bit following the last data bit or parity bit is detected as a zero bit (Spacing
level). The FE is reset to a logic “0” whenever the Line Status Register is read. In the FIFO mode this
error is associated with the particular character in the FIFO it applies to. This error is indicated when the
associated character is at the top of the FIFO. The Serial Port will try to resynchronize after a framing
error. To do this, it assumes that the framing error was due to the next start bit, so it samples this ‘start’ bit
twice and then takes in the ‘data’.
Bit 4
Break Interrupt (BI). Bit 4 is set to a logic “1” whenever the received data input is held in the Spacing state
(logic “0”) for longer than a full word transmission time (that is, the total time of the start bit + data bits +
parity bits + stop bits). The BI is reset after the CPU reads the contents of the Line Status Register. In the
FIFO mode this error is associated with the particular character in the FIFO it applies to. This error is
indicated when the associated character is at the top of the FIFO. When break occurs only one zero
character is loaded into the FIFO. Restarting after a break is received, requires the serial data (RXD) to be
logic “1” for at least ½ bit time.
Note: Bits 1 through 4 are the error conditions that produce a Receiver Line Status Interrupt whenever any
of the corresponding conditions are detected and the interrupt is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com