Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M182 Datasheet(PDF) 77 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 77 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 73Page - SMSC Corporation LPC47M182 Datasheet HTML 74Page - SMSC Corporation LPC47M182 Datasheet HTML 75Page - SMSC Corporation LPC47M182 Datasheet HTML 76Page - SMSC Corporation LPC47M182 Datasheet HTML 77Page - SMSC Corporation LPC47M182 Datasheet HTML 78Page - SMSC Corporation LPC47M182 Datasheet HTML 79Page - SMSC Corporation LPC47M182 Datasheet HTML 80Page - SMSC Corporation LPC47M182 Datasheet HTML 81Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC LPC47M182
77
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
DATASHEET
Table 6.27 - Effects of WGATE and GAP Bits
WGATE
GAP
MODE
LENGTH OF
GAP2 FORMAT
FIELD
PORTION OF
GAP 2
WRITTEN BY
WRITE DATA
OPERATION
0
0
1
1
0
1
0
1
Conventional
Perpendicular
(500 Kbps)
Reserved
(Conventional)
Perpendicular
(1 Mbps)
22 Bytes
22 Bytes
22 Bytes
41 Bytes
0 Bytes
19 Bytes
0 Bytes
38 Bytes
6.26
Lock
In order to protect systems with long DMA latencies against older application software that can disable the
FIFO the LOCK Command has been added. This command should only be used by the FDC routines,
and application software should refrain from using it. If an application calls for the FIFO to be disabled
then the CONFIGURE command should be used.
The LOCK command defines whether the EFIFO, FIFOTHR, and PRETRK parameters of the
CONFIGURE command can be RESET by the DOR and DSR registers. When the LOCK bit is set to logic
“1” all subsequent “software RESETS by the DOR and DSR registers will not change the previously set
parameters to their default values. All “hardware” RESET from the nPCI_RESET pin will set the LOCK bit
to logic “0” and return the EFIFO, FIFOTHR, and PRETRK to their default values. A status byte is
returned immediately after issuing a LOCK command. This byte reflects the value of the LOCK bit set by
the command byte.
6.27
Enhanced DUMPREG
The DUMPREG command is designed to support system run-time diagnostics and application software
development and debug. To accommodate the LOCK command and the enhanced PERPENDICULAR
MODE command the eighth byte of the DUMPREG command has been modified to contain the additional
data from these two commands.
6.27.1 COMPATIBILITY
The LPC47M182 was designed with software compatibility in mind. It is a fully backwards- compatible
solution with the older generation 765A/B disk controllers. The FDC also implements on-board registers for
compatibility with the PS/2, as well as PC/AT and PC/XT, floppy disk controller subsystems. After a
hardware reset of the FDC, all registers, functions and enhancements default to a PC/AT, PS/2 or PS/2
Model 30 compatible operating mode, depending on how the IDENT and MFM bits are configured by the
system BIOS.
6.28
Serial Port (UART)
The LPC47M182 incorporates two full function UARTs. They are compatible with the 16450, the 16450
ACE registers and the 16C550A. The UARTs perform serial-to-parallel conversion on received characters
and parallel-to-serial conversion on transmit characters. The data rates are independently programmable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com