Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ODiSI6100-R Datasheet(PDF) 6 Page - A-Data Technology

Part # ODiSI6100-R
Description  Optical Distributed Sensor Interrogator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

ODiSI6100-R Datasheet(HTML) 6 Page - A-Data Technology

  ODiSI6100-R Datasheet HTML 1Page - A-Data Technology ODiSI6100-R Datasheet HTML 2Page - A-Data Technology ODiSI6100-R Datasheet HTML 3Page - A-Data Technology ODiSI6100-R Datasheet HTML 4Page - A-Data Technology ODiSI6100-R Datasheet HTML 5Page - A-Data Technology ODiSI6100-R Datasheet HTML 6Page - A-Data Technology ODiSI6100-R Datasheet HTML 7Page - A-Data Technology ODiSI6100-R Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ODiSI 6100
ODiSI 6100 Preliminary Data Sheet
NOTES
PERFORMANCE
PARAMETER
SPECIFICATION
UNITS
Gage Spacing
2.6 mm
1.3 mm 0.65 mm
HD Standard Length Performance - Strain
Range
±12,000 ±12,000 ±12,000
µ
ϵ
Resolution
1
1
1
µ
ϵ
Accuracy1
±30
±30
±25
µ
ϵ
Repeatability at zero strain2
< ±5
< ±10
< ±20
µ
ϵ
Repeatability across full strain range3
±0.15
±0.35
±0.55
%
Dynamic Loading Rate
5
2.5
1
Hz
HD Standard Length Performance - Temperature
Maximum Temperature (Based on standard sensor.
Custom sensors available upon request.)
300
300
300
°C
Minimum Temperature (Based on standard sensor.
Custom sensors available upon request.)
-40
-40
-40
°C
Resolution
0.1
0.1
0.1
°C
Accuracy (consult factory)
-
-
-
°C
Repeatability
±0.01
±0.03
±0.06
%
HD Extended Length Performance - Strain
Range
±12,000 ±12,000 ±12,000
µ
ϵ
Resolution
1
1
1
µ
ϵ
Accuracy1
±30
±30
±25
µ
ϵ
Repeatability at zero strain2
< ±20
< ±30
< ±40
µ
ϵ
Repeatability across full strain range3
±0.15
±0.15
±0.55
%
Dynamic Loading Rate
Hz
Continuous Fiber Grating Performance - Strain
Range
±3,300
±7,500
±15,000
µ
ϵ
Resolution
1
1
1
µ
ϵ
Accuracy1
±15
±25
±35
µ
ϵ
Repeatability at zero strain2
< ±5
< ±10
< ±20
µ
ϵ
Repeatability across full strain range3
±1
±1
±0.5
%
Dynamic Loading Rate
10
10
10
Hz
1. Accuracy reflects ODiSI measurements compared to NIST traceable extensiometer measurements. Data based on average of 150 scans at
each of seven increments of strain, from 0 to maximum strain.
2. Repeatability at zero strain refers to offset from zero with no strain applied. NO filtering is applied.
3. Repeatability across strain range refers to average repeatability over full strain range. Repeatability is measured and reflects 2
σ standard
deviation from the mean with sample size of 150 scans. NO filtering is applied.
4. Specifications are subject to change at any time



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com