Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ODiSI6100-R Datasheet(PDF) 4 Page - A-Data Technology

Part # ODiSI6100-R
Description  Optical Distributed Sensor Interrogator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

ODiSI6100-R Datasheet(HTML) 4 Page - A-Data Technology

  ODiSI6100-R Datasheet HTML 1Page - A-Data Technology ODiSI6100-R Datasheet HTML 2Page - A-Data Technology ODiSI6100-R Datasheet HTML 3Page - A-Data Technology ODiSI6100-R Datasheet HTML 4Page - A-Data Technology ODiSI6100-R Datasheet HTML 5Page - A-Data Technology ODiSI6100-R Datasheet HTML 6Page - A-Data Technology ODiSI6100-R Datasheet HTML 7Page - A-Data Technology ODiSI6100-R Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ODiSI 6100
ODiSI 6100 Preliminary Data Sheet
RAYLEIGH ACCELERATOR
1-8 Standard Length HD Sensors - Measurement Rates
Strain Range
Max Length
2.5m
5m
10m
Gage Spacing
2.6mm 250Hz 160Hz 100Hz
±12k µstrain
1.3mm 125Hz
80Hz
50Hz
±12k µstrain
0.65mm 62.5Hz 40Hz
25Hz
±12k µstrain
1-4 Extended Length HD Sensors - Measurement Rates
Strain Range
Max Length
20m
50m
Gage Spacing
2.6mm 50Hz
20Hz
±12k µstrain
1.3mm 25Hz
12.5Hz
±12k µstrain
0.65mm 12.5Hz
X
±12k µstrain
EXTENDED RANGE FEATURE
•
Adds 20m and 50m sensing length on 4 channels
•
Channels must be purchased separately
•
Each additional channel requires an extended length HD-FOS remote module (sold separately)
Extended - Measurement Rates
Strain Range
Max Length
20m
50m
Gage Spacing
2.6mm 13Hz
5Hz
±12k µstrain
1.3mm
6Hz
2.5Hz
±12k µstrain
0.65mm 3Hz
X
±12k µstrain
OPTIONAL FEATURES
HIGH SPEED CONTINUOUS FIBER GRATING SENSORS (HS-CFG)
HS-CFG Sensors - Measurement Rates
Strain Range
Max Length
2m
5m
Gage Spacing
2.6mm 160Hz
100Hz
±3.3k µstrain
1.3mm 80Hz
50Hz
±7.5k µstrain
0.65mm 40Hz
25Hz
±15k µstrain
This feature allows up to four channels of the ODiSI 6100 to measure strain sensors over lengths up to 50m.
This feature allows the use of Luna’s continuous fiber Bragg grating (CFG) sensors. HS-CFG sensors provide enable
larger signal to noise and higher speed measurements leading to higher performance in dynamic environments.
•
Feature is available on all active channels
•
HS-CFG sensors require additional, dedicated remote modules
This feature accelerates the measurement speeds for HD Rayleigh sensors (HD-FOS) by a factor of 4x. This option is
ideal for applications that require the high data rates over large strain ranges. Rayleigh Accelerator is field upgradeable
through a combination of software and the addition of a small, Thunderbolt® 3 expansion chassis with accelerator card.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com