Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ODiSI6100-R Datasheet(PDF) 3 Page - A-Data Technology

Part # ODiSI6100-R
Description  Optical Distributed Sensor Interrogator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

ODiSI6100-R Datasheet(HTML) 3 Page - A-Data Technology

  ODiSI6100-R Datasheet HTML 1Page - A-Data Technology ODiSI6100-R Datasheet HTML 2Page - A-Data Technology ODiSI6100-R Datasheet HTML 3Page - A-Data Technology ODiSI6100-R Datasheet HTML 4Page - A-Data Technology ODiSI6100-R Datasheet HTML 5Page - A-Data Technology ODiSI6100-R Datasheet HTML 6Page - A-Data Technology ODiSI6100-R Datasheet HTML 7Page - A-Data Technology ODiSI6100-R Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ODiSI 6100
ODiSI 6100 Preliminary Data Sheet
ODiSI 6100 STANDARD SENSOR CONFIGURATION
1-8 Standard Length HD Sensors -
Measurement Rates
Strain Range
Max Length
2.5m
5m
10m
Gage Spacing
2.6mm
62Hz
40Hz
25Hz
±12k µstrain
1.3mm
31Hz
20Hz
12Hz
±12k µstrain
0.65mm
15Hz
10Hz
6Hz
±12k µstrain
ODiSI comes configured to measure standard “Rayleigh” High-Definition
Fiber Optic Sensors (HD-FOS). These are our most economical sensors
based on measurement of the Rayleigh backscatter in optical fiber and
are best suited for static or quasi-static applications. HD sensors are also
perfect for measuring large strain gradients. The table below outlines
the sensor lengths and associated resolutions one can achieve with the
standard/base configuration ODiSI 6100.
Transform Structural Testing
ODiSI is ideal for strain measurements on
and in composite materials. From materials
characterization, to FE model verification all the
way to full scale test.
Accelerate Design
With continuous, high resolution mapping
of strain and temperature, “hot spots” and
large strain gradients are easily located and
accurately characterized.
Ensure Quality
With no “line of sight” issues and the ability
to bond to curved and otherwise difficult to
gage locations, ODiSI sensors go where no
other sensors can so you get the full picture
of performance.
Graphical depiction of an 8-channel ODiSI 6100 (6108) configuration
showing stand-off cables, remote modules and sensors
http://www.henkel-adhesives.com/



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com