Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6644ST/PCB Datasheet(PDF) 6 Page - Analog Devices

Part # AD6644ST/PCB
Description  Analog-to-Digital Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6644ST/PCB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD6644ST/PCB Datasheet HTML 2Page - Analog Devices AD6644ST/PCB Datasheet HTML 3Page - Analog Devices AD6644ST/PCB Datasheet HTML 4Page - Analog Devices AD6644ST/PCB Datasheet HTML 5Page - Analog Devices AD6644ST/PCB Datasheet HTML 6Page - Analog Devices AD6644ST/PCB Datasheet HTML 7Page - Analog Devices AD6644ST/PCB Datasheet HTML 8Page - Analog Devices AD6644ST/PCB Datasheet HTML 9Page - Analog Devices AD6644ST/PCB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
AD6644
Rev. D | Page 5 of 24
AD6644AST-40/65
Parameter
Name
Temp
Test Level1
Min
Typ
Max
Unit
DATA READY (DRY6)/DATA, OVR
Data Ready to DATA Delay (Hold Time)3
tH_DR
See note7
Encode = 65 MSPS (50% Duty Cycle)
Full
IV
8.0
8.6
9.4
ns
Encode = 40 MSPS (50% Duty Cycle)
Full
IV
12.8
13.4
14.2
ns
Data Ready to DATA Delay (Setup Time)3
tS_DR
See note7
@ 65 MSPS (50% Duty Cycle)
Full
IV
3.2
5.5
6.5
ns
@ 40 MSPS (50% Duty Cycle)
Full
IV
8.0
10.3
11.3
ns
APERTURE DELAY
tA
25°C
V
100
ps
APERTURE UNCERTAINTY (JITTER)
tJ
25°C
V
0.2
ps rms
1 See the Explanation of Test Levels section.
2 Several timing parameters are a function of tENC and tENCH.
3 To compensate for a change in duty cycle for tH_DR and tS_DR use the following equations:
NewtH_DR = (tH_DR − % Change(tENCH)) × tENC/2
NewtS_DR = (tS_DR − % Change(tENCH)) × tENC/2
4 ENCODE to data delay (hold time) is the absolute minimum propagation delay through the ADC.
5 ENCODE to data delay (setup time) is calculated relative to 65 MSPS (50% duty cycle). To calculate tS_E for a given encode, use the following equation:
NewtS_E = tENC(NEW) − tENC + tS_E (that is, for 40 MSPS, NewtS_E(TYP) = 25 × 10−9 − 15.38 × 10−9 + 9.8 × 10−9 = 19.4 × 10−9).
6 DRY is an inverted and delayed version of the encode clock. Any change in the duty cycle of the clock correspondingly changes the duty cycle of DRY.
7 Data ready to data delay (tH_DR and tS_DR) is calculated relative to 65 MSPS (50% duty cycle) and is dependent on tENC and duty cycle. To calculate tH_DR and tS_DR for a
given encode, use the following equations:
NewtH_DR = tENC(NEW)/2 − tENCH + tH_DR (that is, for 40 MSPS, NewtH_DR(TYP) = 12.5 × 10−9 − 7.69 × 10−9 + 8.6 × 10−9 = 13.4 × 10−9).
NewtS_DR = tENC(NEW)/2 − tENCH + tS_DR (that is, for 40 MSPS, NewtS_DR(TYP) = 12.5 × 10−9 − 7.69 × 10−9 + 5.5 × 10−9 = 10.3 × 10−9).
AC SPECIFICATIONS
All ac specifications tested by driving ENCODE and ENCODE differentially.
AVCC = 5 V, DVCC = 3.3 V; ENCODE and ENCODE = maximum conversion rate MSPS; TMIN = −25°C, TMAX = +85°C, unless otherwise noted.
Table 5.
AD6644AST-40
AD6644AST-65
Parameter
Conditions
Temp
Test Level1
Min
Typ
Max
Min
Typ
Max
Unit
SNR
Analog Input
2.2 MHz
25°C
V
74.5
74.5
dB
@ −1 dBFS
15.5 MHz
25°C
II
74.0
72
74.0
dB
30.5 MHz
25°C
II
73.5
72
73.5
dB
SINAD2
Analog Input
2.2 MHz
25°C
V
74.5
74.5
dB
@ −1 dBFS
15.5 MHz
25°C
II
74.0
72
74.0
dB
30.5 MHz
25°C
V
73.0
73.0
dB
WORST HARMONIC (2ND or 3RD)2
Analog Input
2.2 MHz
25°C
V
92
92
dBc
@ −1 dBFS
15.5 MHz
25°C
II
90
83
90
dBc
30.5 MHz
25°C
V
85
85
dBc
WORST HARMONIC (4TH or Higher)2
Analog Input
2.2 MHz
25°C
V
93
93
dBc
@ −1 dBFS
15.5 MHz
25°C
II
92
85
92
dBc
30.5 MHz
25°C
V
92
92
dBc
TWO-TONE SFDR2, 3, 4
Full
V
100
100
dBFS
TWO-TONE IMD REJECTION2, 4
F1, F2 @ −7 dBFS
Full
V
90
90
dBc
ANALOG INPUT BANDWIDTH
25°C
V
250
250
MHz
1 See the Explanation of Test Levels section.
2 AVCC = 5 V to 5.25 V for rated ac performance.
3 Analog input signal power swept from −7 dBFS to −100 dBFS.
4 F1 = 15 MHz, F2 = 15.5 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com