Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6644ST/PCB Datasheet(PDF) 12 Page - Analog Devices

Part # AD6644ST/PCB
Description  Analog-to-Digital Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6644ST/PCB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6644ST/PCB Datasheet HTML 8Page - Analog Devices AD6644ST/PCB Datasheet HTML 9Page - Analog Devices AD6644ST/PCB Datasheet HTML 10Page - Analog Devices AD6644ST/PCB Datasheet HTML 11Page - Analog Devices AD6644ST/PCB Datasheet HTML 12Page - Analog Devices AD6644ST/PCB Datasheet HTML 13Page - Analog Devices AD6644ST/PCB Datasheet HTML 14Page - Analog Devices AD6644ST/PCB Datasheet HTML 15Page - Analog Devices AD6644ST/PCB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
AD6644
Rev. D | Page 11 of 24
FREQUENCY (MHz)
0
–120
–130
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
5
10
15
20
25
30
ENCODE = 65MSPS
AIN = 15.5MHz @ –29.5dBFS
NO DITHER
Figure 16. 1M FFT Without Dither
90
50
10
0
40
70
20
30
60
80
100
ANALOG INPUT POWER LEVEL (dBFS)
ENCODE = 65MSPS
AIN = 15.5MHz
NO DITHER
SFDR = 90dB
REFERENCE LINE
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
Figure 17. SFDR Without Dither
ENCODE = 65MSPS
30.5MHz
ENCODE INPUT POWER (dBm)
80
70
65
85
95
75
WORST SPUR
90
2.2MHz
2.2MHz
30.5MHz
SNR
–15
–10
–5
0
5
10
15
Figure 18. SNR, Worst Spurious vs. Clamped Encode Power (See Figure 27)
FREQUENCY (MHz)
0
–120
–130
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
ENCODE = 65MSPS
AIN = 15.5MHz @ –29.5dBFS
DITHER @ –19dBm
0
5
10
15
20
25
30
Figure 19. 1M FFT with Dither
90
50
10
0
40
70
20
30
60
80
100
ANALOG INPUT POWER LEVEL (dBFS)
ENCODE = 65MSPS
AIN = 15.5MHz
DITHER = –19dBm
SFDR = 100dB
REFERENCE LINE
SFDR = 90dB
REFERENCE LINE
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
Figure 20. SFDR with Dither



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com