Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6644ST/PCB Datasheet(PDF) 16 Page - Analog Devices

Part # AD6644ST/PCB
Description  Analog-to-Digital Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6644ST/PCB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD6644ST/PCB Datasheet HTML 12Page - Analog Devices AD6644ST/PCB Datasheet HTML 13Page - Analog Devices AD6644ST/PCB Datasheet HTML 14Page - Analog Devices AD6644ST/PCB Datasheet HTML 15Page - Analog Devices AD6644ST/PCB Datasheet HTML 16Page - Analog Devices AD6644ST/PCB Datasheet HTML 17Page - Analog Devices AD6644ST/PCB Datasheet HTML 18Page - Analog Devices AD6644ST/PCB Datasheet HTML 19Page - Analog Devices AD6644ST/PCB Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
AD6644
Rev. D | Page 15 of 24
THEORY OF OPERATION
The AD6644 analog-to-digital converter (ADC) employs a
three-stage subrange architecture. This design approach
achieves the required accuracy and speed while maintaining
low power and small die size.
As shown in the functional block diagram, the AD6644 has
complementary analog input pins, AIN and AIN. Each analog
input is centered at 2.4 V and swings ±0.55 V around this
reference (Figure 21). Because AIN and AIN are 180° out of
phase, the differential analog input signal is 2.2 V peak-to-peak.
Both analog inputs are buffered prior to the first track-and-hold,
TH1. The high state of the ENCODE pulse places TH1 in hold
mode. The held value of TH1 is applied to the input of a 5-bit
coarse ADC1. The digital output of ADC1 drives a 5-bit digital-
to-analog converter (DAC1). DAC1 requires 14 bits of precision,
which is achieved through laser trimming. The output of DAC1
is subtracted from the delayed analog signal at the input of TH3
to generate a first residue signal. TH2 provides an analog
pipeline delay to compensate for the digital delay of ADC1.
The first residue signal is applied to a second conversion stage
consisting of a 5-bit ADC2, 5-bit DAC2, and pipeline TH4. The
second DAC requires 10 bits of precision, which is met by the
process with no trim. The input to TH5 is a second residue
signal generated by subtracting the quantized output of DAC2
from the first residue signal held by TH4. TH5 drives a final
6-bit ADC3.
The digital outputs from ADC1, ADC2, and ADC3 are added
together and corrected in the digital error correction logic to
generate the final output data. The result is a 14-bit parallel
digital CMOS-compatible word, coded as twos complement.
APPLYING THE AD6644
Encoding the AD6644
The AD6644 encode signal must be a high quality, extremely
low phase noise source to prevent degradation of performance.
Maintaining 14-bit accuracy places a premium on encode clock
phase noise. SNR performance can easily degrade by 3 dB to
4 dB with 70 MHz input signals when using a high jitter clock
source. See the Analog Devices Application Note AN-501,
Aperture Uncertainty and ADC System Performance
, for
complete details.
For optimum performance, the AD6644 must be clocked
differentially. The encode signal is usually ac-coupled into the
ENCODE and ENCODE pins via a transformer or capacitors.
These pins are biased internally and require no additional bias.
See Figure 27 for one preferred method for clocking the AD6644.
The clock source (low jitter) is converted from single-ended to
differential using an RF transformer. The back-to-back Schottky
diodes across the secondary windings of the transformer limit
clock excursions into the AD6644 to approximately 0.8 V p-p
differential. This helps prevent the large voltage swings of the
clock from feeding through to the other portions of the
AD6644, and limits the noise presented to the ENCODE inputs.
A crystal clock oscillator can also be used to drive the RF
transformer if an appropriate limiting resistor (typically 100 Ω)
is placed in series with the primary winding of the transformer.
ENCODE
ENCODE
T1-4T
AD6644
HSMS2812
DIODES
0.1µF
100Ω
CLOCK
SOURCE
Figure 27. Crystal Clock Oscillator—Differential Encode
If a low jitter ECL/PECL clock is available, another option is to
ac-couple a differential ECL/PECL signal to the encode input
pins as shown in Figure 28. A device that offers excellent jitter
performance is the MC100LVEL16 (or another in the same
family) from Motorola.
ENCODE
ENCODE
AD6644
VT
VT
ECL/
PECL
0.1µF
0.1µF
Figure 28. Differential ECL for Encode
Analog Input
As with most new high speed, high dynamic range ADCs, the
analog input to the AD6644 is differential. Differential inputs
allow much improvement in performance on-chip as signals are
processed through the analog stages. Most of the improvement
is a result of differential analog stages having high rejection of
even-order harmonics. There are also benefits at the PCB level.
First, differential inputs have high common-mode rejection of
stray signals such as ground and power noise. In addition, they
provide good rejection of common-mode signals such as local
oscillator feedthrough.
The AD6644 input voltage range is offset from ground by 2.4 V.
Each analog input connects through a 500 Ω resistor to a 2.4 V
bias voltage and to the input of a differential buffer (Figure 21).
The resistor network on the input properly biases the followers
for maximum linearity and range. Therefore, the analog source
driving the AD6644 should be ac-coupled to the input pins.
Because the differential input impedance of the AD6644 is
1 kΩ, the analog input power requirement is only −2 dBm,
simplifying the driver amplifier in many cases. To take full
advantage of this high input impedance, a 20:1 transformer is
required. This is a large ratio and could result in unsatisfactory
performance. In this case, a lower step-up ratio can be used.
The recommended method for driving the analog input of the
AD6644 is to use a 4:1 RF transformer. For example, if RT is set
to 60.4 Ω and RS is set to 25 Ω, along with a 4:1 transformer, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com