Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9433
Description  IF Sampling ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 4 Page - Analog Devices

  AD9433 Datasheet HTML 1Page - Analog Devices AD9433 Datasheet HTML 2Page - Analog Devices AD9433 Datasheet HTML 3Page - Analog Devices AD9433 Datasheet HTML 4Page - Analog Devices AD9433 Datasheet HTML 5Page - Analog Devices AD9433 Datasheet HTML 6Page - Analog Devices AD9433 Datasheet HTML 7Page - Analog Devices AD9433 Datasheet HTML 8Page - Analog Devices AD9433 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AD9433
Rev. A | Page 3 of 20
SPECIFICATIONS
DC SPECIFICATIONS
VDD = 3.3 V, VCC = 5 V; internal reference; differential encode input, unless otherwise noted.
Table 1.
Test
105 MSPS
125 MSPS
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
12
Bits
ACCURACY
No Missing Codes
Full
VI
Guaranteed
Guaranteed
Offset Error
Full
VI
−5
0
+5
−5
0
+5
mV
Gain Error1
25°C
I
−7
±1
+3
−7
±1
+3
% FS
Differential Nonlinearity (DNL)2
25°C
I
−0.75
±0.25
+0.75
−0.75
±0.3
+0.75
LSB
Full
VI
−1
+1
−1
+1
LSB
Integral Nonlinearity (INL)2
25°C
I
−1.0
±0.5
+1.0
−1.0
±0.5
+1.0
LSB
Full
VI
−1.3
+1.3
−1.3
+1.3
LSB
THERMAL DRIFT
Offset Error
Full
V
−50
−50
ppm/°C
Gain Error1
Full
V
−125
−125
ppm/°C
Reference
Full
V
±80
±80
ppm/°C
REFERENCE
Internal Reference Voltage
(VREFOUT)
Full
I
2.4
2.5
2.6
2.4
2.5
2.6
V
Output Current (VREFOUT)
Full
V
100
100
μA
Input Current (VREFIN)
Full
IV
50
50
μA
ANALOG INPUTS (AIN, AIN)
Input Voltage Range
Full
V
2.0
2.0
V p-p
Common-Mode Voltage
Full
V
4.0
4.0
V
Input Resistance
Full
VI
2
3
4
2
3
4
kΩ
Input Capacitance
Full
V
4
4
pF
Analog Bandwidth, Full Power
Full
V
750
750
MHz
POWER SUPPLY
VCC
Full
IV
4.75
5.0
5.25
4.75
5.0
5.25
V
VDD
Full
IV
2.7
3.3
2.7
3.3
V
Power Dissipation3
Full
VI
1275
1425
1350
1500
mW
IVCC3
Full
VI
255
285
270
300
mA
IVDD3
Full
VI
12.5
14
16
18
mA
Power Supply Rejection Ratio
(PSRR)
25°C
I
±3
±3
mV/V
ENCODE INPUTS
Internal Common-Mode Bias
Full
V
3.75
3.75
V
Differential Input
(ENCODE, ENCODE)
Full
V
500
500
mV
Input Voltage Range
Full
IV
−0.5
VCC + 0.05
−0.5
VCC + 0.05
V
Input Common-Mode Range
Full
IV
2.0
4.25
2.0
4.25
V
Input Resistance
Full
VI
6
6
kΩ
Input Capacitance
25°C
V
3
3
pF
DIGITAL INPUTS
Input High Voltage
Full
I
2.0
2.0
V
Input Low Voltage
Full
I
0.8
0.8
V
Input High Current (VIN = 5 V)
Full
V
50
50
μA
Input Low Current (VIN = 0 V)
Full
V
50
50
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com