Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9433
Description  IF Sampling ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9433 Datasheet HTML 9Page - Analog Devices AD9433 Datasheet HTML 10Page - Analog Devices AD9433 Datasheet HTML 11Page - Analog Devices AD9433 Datasheet HTML 12Page - Analog Devices AD9433 Datasheet HTML 13Page - Analog Devices AD9433 Datasheet HTML 14Page - Analog Devices AD9433 Datasheet HTML 15Page - Analog Devices AD9433 Datasheet HTML 16Page - Analog Devices AD9433 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AD9433
Rev. A | Page 12 of 20
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
6.25
12.5
18.7 25.0 31.2 37.5
43.7 50.0 56.2 62.5
FREQUENCY (MHz)
–110
–120
0
7.5
15.0
22.5
30.0
37.5
45.0
52.5
SNR = 64dB
SFDR = 78dBFS
SNR = 62dB
SFDR = 70dBFS
FREQUENCY (MHz)
Figure 28. FFT: fS = 105 MSPS, fIN = 150.3 MHz, Differential AIN @ −0.5 dBFS,
SFDR Mode Enabled
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
7.5
15.0
22.5
30.0
37.5
45.0
52.5
FREQUENCY (MHz)
SNR = 61.2dB
SFDR = 67dBFS
Figure 29. FFT: fS = 105 MSPS, fIN = 250.3 MHz, Differential AIN @ −0.5 dBFS,
SFDR Mode Enabled
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
7.5
15.0
22.5
30.0
37.5
45.0
52.5
FREQUENCY (MHz)
SNR = 55.3dB
SFDR = 61dBFS
Figure 30. FFT: fS = 105 MSPS, fIN = 350.3 MHz, Differential AIN @ −0.5 dBFS,
SFDR Mode Enabled
Figure 31. FFT: fS = 125 MSPS, fIN = 150.3 MHz, Differential AIN @ −0.5 dBFS,
SFDR Mode Enabled
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
6.2
12.5
18.7 25.0 31.2 37.5
43.7 50.0 56.2 62.5
FREQUENCY (MHz)
SNR = 54.6dB
SFDR = 58dBFS
Figure 32. FFT: fS = 125 MSPS, fIN = 350.3 MHz, Differential AIN @ −0.5 dBFS,
SFDR Mode Enabled
–110
–90
–100
–70
–80
–60
–20
–30
–40
–50
–10
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
AIN LEVEL (dBFS)
Figure 33. Third-Order IMD vs. AIN Level, fS = 105 MSPS, fIN = 150.3 MHz
and 151.3 MHz, Differential AIN, SFDR Mode Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com