Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9433
Description  IF Sampling ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 1 Page - Analog Devices

  AD9433 Datasheet HTML 1Page - Analog Devices AD9433 Datasheet HTML 2Page - Analog Devices AD9433 Datasheet HTML 3Page - Analog Devices AD9433 Datasheet HTML 4Page - Analog Devices AD9433 Datasheet HTML 5Page - Analog Devices AD9433 Datasheet HTML 6Page - Analog Devices AD9433 Datasheet HTML 7Page - Analog Devices AD9433 Datasheet HTML 8Page - Analog Devices AD9433 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
12-Bit, 105 MSPS/125 MSPS,
IF Sampling ADC
AD9433
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2001–2009 Analog Devices, Inc. All rights reserved.
FEATURES
IF sampling up to 350 MHz
SNR: 67.5 dB, fIN up to Nyquist at 105 MSPS
SFDR: 83 dBc, fIN = 70 MHz at 105 MSPS
SFDR: 72 dBc, fIN = 150 MHz at 105 MSPS
2 V p-p analog input range
On-chip clock duty cycle stabilization
On-chip reference and track-and-hold
SFDR optimization circuit
Excellent linearity
DNL: ±0.25 LSB (typical)
INL: ±0.5 LSB (typical)
750 MHz full power analog bandwidth
Power dissipation: 1.35 W (typical) at 125 MSPS
Twos complement or offset binary data format
5.0 V analog supply operation
2.5 V to 3.3 V TTL/CMOS outputs
APPLICATIONS
Cellular infrastructure communication systems
3G single- and multicarrier receivers
IF sampling schemes
Wideband carrier frequency systems
Point-to-point radios
LMDS, wireless broadband
MMDS base station units
Cable reverse path
Communications test equipment
Radar and satellite ground systems
GENERAL INTRODUCTION
The AD9433 is a 12-bit, monolithic sampling analog-to-digital
converter (ADC) with an on-chip track-and-hold circuit and is
designed for ease of use. The product operates up to a 125 MSPS
conversion rate and is optimized for outstanding dynamic per-
formance in wideband and high IF carrier systems.
The ADC requires a 5 V analog power supply and a differential
encode clock for full performance operation. No external refer-
ence or driver components are required for many applications.
The digital outputs are TTL-/CMOS-compatible, and a separate
output power supply pin supports interfacing with 3.3 V or
2.5 V logic.
FUNCTIONAL BLOCK DIAGRAM
12
12
PIPELINE
ADC
T/H
REF
ENCODE
TIMING
OUTPUT
STAGING
AD9433
VCC
VDD
GND
VREFOUT
VREFIN
D11 TO D0
DFS
SFDR
MODE
ENCODE
ENCODE
AIN
AIN
Figure 1.
A user-selectable, on-chip proprietary circuit optimizes
spurious-free dynamic range (SFDR) vs. signal-to-noise and
distortion (SINAD) ratio performance for different input signal
frequencies, providing as much as 83 dBc SFDR performance
over the dc to 70 MHz band.
The encode clock supports either differential or single-ended
input and is PECL-compatible. The output format is user-
selectable for offset binary or twos complement and provides
an overrange (OR) signal.
Fabricated on an advanced BiCMOS process, the AD9433 is
available in a 52-lead thin quad flat package (TQFP_EP) that
is specified over the industrial temperature range of −40°C to
+85°C. The AD9433 is pin-compatible with the AD9432.
PRODUCT HIGHLIGHTS
1.
IF Sampling.
The AD9433 maintains outstanding ac performance up to
input frequencies of 350 MHz. Suitable for 3G wideband
cellular IF sampling receivers.
2.
Pin-Compatibility with the AD9432.
The AD9433 has the same footprint and pin layout as the
AD9432 12-bit 80 MSPS/105 MSPS ADC.
3.
SFDR Performance.
A user-selectable, on-chip circuit optimizes SFDR
performance as much as 83 dBc from dc to 70 MHz.
4.
Sampling Rate.
At 125 MSPS, the AD9433 is ideally suited for wireless and
wired broadband applications such as LMDS/MMDS and
cable reverse path.


Similar Part No. - AD9433

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV.0
AD9433 AD-AD9433 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433/PCB AD-AD9433/PCB Datasheet
1,001Kb / 24P
12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV.0
AD9433BSQ-105 AD-AD9433BSQ-105 Datasheet
1,001Kb / 24P
12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV.0
AD9433BSQ-125 AD-AD9433BSQ-125 Datasheet
1,001Kb / 24P
12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV.0
More results

Similar Description - AD9433

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9445 AD-AD9445 Datasheet
965Kb / 40P
14-Bit, 105/125 MSPS, IF Sampling ADC
10/05-Revision 0
AD9461 AD-AD9461 Datasheet
820Kb / 28P
16-Bit, 130 MSPS IF Sampling ADC
4/06-Revision 0
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9445 AD-AD9445_15 Datasheet
972Kb / 40P
14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
AD9461 AD-AD9461_15 Datasheet
820Kb / 28P
16-Bit, 130 MSPS IF Sampling ADC
REV. 0
AD9445 AD-AD9445_17 Datasheet
797Kb / 41P
14-Bit, 105/125 MSPS, IF Sampling ADC
Rev. 0
AD9461 AD-AD9461_17 Datasheet
703Kb / 29P
16-Bit, 130 MSPS IF Sampling ADC
Rev. 0
logo
Maxim Integrated Produc...
MAX1209 MAXIM-MAX1209 Datasheet
372Kb / 27P
12-Bit, 80Msps, 3.3V IF-Sampling ADC
2004
MAX1211 MAXIM-MAX1211 Datasheet
534Kb / 30P
65Msps, 12-Bit, IF Sampling ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com