Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7003 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 7003
Description  Inside DC Block
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

7003 Datasheet(HTML) 1 Page - API Technologies Corp

  7003 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5305 Spectrum Drive, Frederick, MD 21703-7362
s TEL: 301-846-9222, 800-638-2048 s Fax: 301-846-9116
web: www.weinschel
.apitech.com s email: weinschel-sales@apitech.com
172
Revision Date:
08/02/2016
DC Blocks
Model 7003
9 kHz to 18.6 GHz
Inside DC Block
Type N Connectors
SCHEMATIC DIAGRAM:
Features
Aeroflex / Weinschel Inside dc Block contains capacitance
in-series with the center conductor to prevent the flow of
dc current, while permitting RF power to flow without inter-
ruption.
o Low SWR - Maximum SWR remains low through full
frequency and power range.
o Rugged Construction - Aeroflex / Weinschel semi-
precision Type N stainless steel connectors. Molded
captive
inner
contact/bead
assembly
provides
controlled and stable interface dimensions.
o Model 7003 useable to 22 GHz.
Specifications
NOMINAL IMPEDANCE: 50
Ω
FREQUENCY RANGE:
9 kHz to 18.6 GHz
INSERTION LOSS:
0.9 dB maximum
VOLTAGE RATING: +50 Vdc maximum
POWER RATING: 20 Watts (average), 100 Watts (peak)
TEMPERATURE RANGE: -20 °C to +80 °C (operating)
-20 °C to +100 °C (storage)
TEST DATA: Test data is available at additional cost.
MAXIMUM SWR:
Frequency (GHz)
SWR*
9 - 20 kHz
1.50
20 kHz - 18
1.35
* Source & load SWR of test system is <1.2.
CONNECTORS: Type N connectors per MIL-STD-348
interface dimensions - mate nondestructively with MIL-C-
39012 connectors. Standard unit has one male and one
female connector. Add Prefix M for double male and F for
double female connectors.
CONSTRUCTION: Stainless steel body and connectors;
gold plated beryllium copper contacts
WEIGHT:
Net: 67 g (2.4 oz)
PHYSICAL DIMENSIONS:
21(.84)
DIM "A" MAX
1
μf
Model #
DIM A
Connector Type
7003
54.61 (2.15)
male-female
F7003
50.80 (2.00)
female-female
M7003
58.67 (2.31)
male-male
RoHS
NOTE:
All dimensions are given in mm (inches) and are maximum,
unless otherwise specified.


Similar Part No. - 7003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
7003 STMICROELECTRONICS-7003 Datasheet
221Kb / 9P
TRI-BAND GSM/DCS/PCS LNA
22-Jan-2002
logo
Allegro MicroSystems
7003 ALLEGRO-7003 Datasheet
144Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAY
logo
Bourns Electronic Solut...
7003 BOURNS-7003 Datasheet
55Kb / 1P
Common Mode EMI Chokes
logo
ASSUN MOTOR Pte Ltd.
7003 ASSUN-7003 Datasheet
1Mb / 1P
Graphite Brush
2024-A
logo
Mitutoyo America Corpor...
7003 MITUTOYO-7003 Datasheet
88Kb / 1P
STANDS & WORKHOLDINGS
More results

Similar Description - 7003

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50DB-009 JFW-50DB-009 Datasheet
26Kb / 1P
DC BLOCK
50DB-039 JFW-50DB-039 Datasheet
25Kb / 1P
DC BLOCK
75DB-001 JFW-75DB-001 Datasheet
26Kb / 1P
DC BLOCK
75DB-010 JFW-75DB-010 Datasheet
25Kb / 1P
DC BLOCK
logo
API Technologies Corp
7006-1 APITECH-7006-1 Datasheet
499Kb / 1P
Inside DC Block
7012 APITECH-7012 Datasheet
519Kb / 1P
Inside/Outside DC Block
logo
JFW Industries, Inc.
50DB-002 JFW-50DB-002_16 Datasheet
26Kb / 1P
DC BLOCK
50DB-039 JFW-50DB-039_16 Datasheet
26Kb / 1P
DC BLOCK
75DB-001 JFW-75DB-001_16 Datasheet
26Kb / 1P
DC BLOCK
logo
Mini-Circuits
BLK-V54 MINI-BLK-V54 Datasheet
191Kb / 2P
DC Block
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com