Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA98 Datasheet(PDF) 5 Page - Cirrus Logic

Part # PA98
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA98 Datasheet(HTML) 5 Page - Cirrus Logic

  PA98 Datasheet HTML 1Page - Cirrus Logic PA98 Datasheet HTML 2Page - Cirrus Logic PA98 Datasheet HTML 3Page - Cirrus Logic PA98 Datasheet HTML 4Page - Cirrus Logic PA98 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
5
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA98U REV I DECEMBER 2004 © 2004 Apex Microtechnology Corp.
OPERATING
CONSIDERATIONS
PA98 • PA98A
INTERNAL POWER DISSIPATION AND HEATSINK SELECTION
With the unique combination of high voltage and speed
of the PA98, traditional formulas for heatsink selection will
falsely lower the apparent power handling capability of this
amplifier. To more accurately predict operating temperatures
use Power Design1 revision 10 or higher, or use the following
procedure:
Find internal dissipation (PD) resulting from driving the
load. Use Power Design or refer to Apex Applications Note
1, General Operating Considertaions, paragraph 7. Find total
quiescent power (PD
Q) by multiplying 0.025A by VSS (total
supply voltage). Find output stage quiescent power (PD
QOUT)
by multiplying 0.001 by V
SS.
Calculate a heatsink rating which will maintain the case at
85°C or lower.
Where: T
C = maximum case temperature allowed
T
A = maximum ambient temperature encountered
Calculate a heatsink rating which will maintain output transistor
junctions at 150°C or lower.
Where: T
J = maximum junction temperature allowed.
R
ØJC= AC or DC thermal resistance from the specifica-
tion table.
Use the larger heatsink of these two calculations.
Power Design is an Excel spreadsheet available free from
www.apexmicrotech.com
Tc - Ta
R
ØSA =
-0.1°C/W
PD + PD
Q
T
J - Ta - (PD + PDQOUT) *RØJC
R
ØSA =
-0.1°C/W
PD + PD
Q



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com